Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981BJST Datasheet(PDF) 24 Page - Analog Devices

Part # AD1981BJST
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BJST Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1981BJST Datasheet HTML 20Page - Analog Devices AD1981BJST Datasheet HTML 21Page - Analog Devices AD1981BJST Datasheet HTML 22Page - Analog Devices AD1981BJST Datasheet HTML 23Page - Analog Devices AD1981BJST Datasheet HTML 24Page - Analog Devices AD1981BJST Datasheet HTML 25Page - Analog Devices AD1981BJST Datasheet HTML 26Page - Analog Devices AD1981BJST Datasheet HTML 27Page - Analog Devices AD1981BJST Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD1981B
Rev. C | Page 24 of 32
SPDIF CONTROL REGISTER
Index 0x3A
Reg No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x3A
SPDIF Control
V
X
SPSR1
SPSR0
L
CC6
CC5
CC4
CC3
CC2
CC1
CC0
PRE
COPY
AUD
PRO
0x2000
Register 0x3A is a read/write register that controls SPDIF functionality and manages bit fields propagated as channel status (or subframe in the V case). With the
exception of V, this register should be written to only when the SPDIF transmitter is disabled (SPDIF bit in Register 0x2A is 0). This ensures that control and status
information start up correctly at the beginning of SPDIF transmission.
Table 35.
Bit
Mnemonic
Function
PRO
Professional
1 = Professional use of channel status.
0 = Consumer.
AUD
Nonaudio
1 = Data is non-PCM format.
0 = Data is PCM format.
COPY
Copyright
1 = Copyright is asserted.
0 = Copyright is not asserted.
PRE
Pre-emphasis
1 = Filter pre-emphasis is 50 µs/15 µs.
0 = Pre-emphasis is none.
CC [6:0]
Category Code
Programmed according to IEC standards, or as appropriate.
L
Generation Level
Programmed according to IEC standards, or as appropriate.
SPSR [1:0]
SPDIF Transmit
Sample Rate
SPSR [1:0] = 00: Transmit sample rate is 44.1 kHz.
SPSR [1:0] = 01: Reserved.
SPSR [1:0] = 10: Transmit sample rate is 48 kHz (reset default).
SPSR [1:0] = 11: Not supported.
V
Validity
This bit affects the validity flag (Bit 28 transmitted in each SPDIF L/R subframe) and enables the SPDIF
transmitter to maintain connection during error or mute conditions.
V = 1: Each SPDIF subframe (L + R) has Bit 28 set to 1. This tags both samples as invalid.
V = 0: Each SPDIF subframe (L + R) has Bit 28 set to 0 for valid data and 1 for invalid data (error
condition).
When V = 0, asserting the VFORCE bit (D15) in Register 0x2A (Ext’d Audio Stat/Ctrl) forces the validity
flag low, marking both samples as valid.
EQ CONTROL REGISTER
Index 0x60
Reg No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x60
EQ Ctrl
EQM
MAD LBEN
X
X
X
X
X
X
SYM
CHS
BCA5
BCA4
BCA3
BCA2
BCA1
BCA0
0x8080
Register 0x60 is a read/write register that controls the equalizer functionality and data setup. This register contains the biquad and coefficient address pointer, which
is used in conjunction with the EQ data register (0x78) to set up the equalizer coefficients. The reset default disables the equalizer function until the coefficients can be
properly set up by the software and sets the symmetry bit to allow equal coefficients for left and right channels.
All registers are not shown, and bits containing an X are assumed to be reserved.
Table 36.
Bit
Mnemonic
Function
BCA [5:0]
Biquad and Coefficient
Address Pointer
biquad 0 coef a0 BCA[5:0] = 011011
biquad 0 coef a1 BCA[5:0] = 011010
biquad 0 coef a2 BCA[5:0] = 011001
biquad 0 coef b1 BCA[5:0] = 011101
biquad 0 coef b2 BCA[5:0] = 011100
biquad 1 coef a0 BCA[5:0] = 100000
biquad 1 coef a1 BCA[5:0] = 011111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com