Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9226ARSZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD9226ARSZ
Description  Complete 12-Bit, 65 MSPS ADC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226ARSZ Datasheet(HTML) 2 Page - Analog Devices

  AD9226ARSZ Datasheet HTML 1Page - Analog Devices AD9226ARSZ Datasheet HTML 2Page - Analog Devices AD9226ARSZ Datasheet HTML 3Page - Analog Devices AD9226ARSZ Datasheet HTML 4Page - Analog Devices AD9226ARSZ Datasheet HTML 5Page - Analog Devices AD9226ARSZ Datasheet HTML 6Page - Analog Devices AD9226ARSZ Datasheet HTML 7Page - Analog Devices AD9226ARSZ Datasheet HTML 8Page - Analog Devices AD9226ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REV. B
–2–
AD9226–SPECIFICATIONS
(AVDD = 5 V, DRVDD = 3 V, fSAMPLE = 65 MSPS, VREF = 2.0 V, Differential inputs, TMIN to TMAX unless otherwise
noted.)
DC SPECIFICATIONS
Parameter
Temp
Test Level
Min
Typ
Max
Unit
RESOLUTION
12
Bits
ACCURACY
Integral Nonlinearity (INL)
Full
V
±0.6
LSB
25
°CI
±1.6
LSB
Differential Nonlinearity (DNL)
Full
V
±0.6
LSB
25
°CI
±1.0
LSB
No Missing Codes Guaranteed
Full
I
12
Bits
Zero Error
Full
V
±0.3
% FSR
25
°CI
±1.4
% FSR
Gain Error
25
°CI
±2.0
% FSR
Full
V
±0.6
% FSR
TEMPERATURE DRIFT
Zero Error
Full
V
± 2
ppm/
°C
Gain Error
1
Full
V
±26
ppm/
°C
Gain Error
2
Full
V
±0.4
ppm/
°C
POWER SUPPLY REJECTION
AVDD (5 V
± 0.25 V)
Full
V
±0.05
% FSR
25
°CI
±0.4
% FSR
INPUT REFERRED NOISE
VREF = 1.0 V
Full
V
0.5
LSB rms
VREF = 2.0 V
Full
V
0.25
LSB rms
ANALOG INPUT
Input Span (VREF = 1 V)
Full
V
1
V p-p
(VREF = 2 V)
Full
V
2
V p-p
Input (VINA or VINB) Range
Full
IV
0
AVDD
V
Input Capacitance
Full
V
7
pF
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
Full
V
1.0
V
Output Voltage Tolerance (1 V Mode)
25
°CI
±15
mV
Output Voltage (2.0 V Mode)
Full
V
2.0
V
Output Voltage Tolerance (2.0 V Mode)
25
°CI
±29
mV
Output Current (Available for External Loads)
Full
V
1.0
mA
Load Regulation
3
Full
V
0.7
mV
25
°C
I
1.5
mV
REFERENCE INPUT RESISTANCE
Full
V
5
k
Ω
POWER SUPPLIES
Supply Voltages
AVDD
Full
V
4.75
5
5.25
V (
±5% AVDD Operating)
DRVDD
Full
V
2.85
5.25
V (
±5% DRVDD Operating)
Supply Current
IAVDD
4
Full
V
86
mA (2 V External VREF)
25
°C
I
90.5
mA (2 V External VREF)
IDRVDD
5
Full
V
14.6
mA (2 V External VREF)
25
°C
I
16.5
mA (2 V External VREF)
POWER CONSUMPTION
4, 5
Full
V
475
25
°C
I
500
mW (2 V External VREF)
NOTES
1Includes internal voltage reference error.
2Excludes internal voltage reference error.
3Load regulation with 1 mA load current (in addition to that required by the AD9226).
4AVDD = 5 V
5DRVDD = 3 V
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com