Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9226ARSZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9226ARSZ
Description  Complete 12-Bit, 65 MSPS ADC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226ARSZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9226ARSZ Datasheet HTML 15Page - Analog Devices AD9226ARSZ Datasheet HTML 16Page - Analog Devices AD9226ARSZ Datasheet HTML 17Page - Analog Devices AD9226ARSZ Datasheet HTML 18Page - Analog Devices AD9226ARSZ Datasheet HTML 19Page - Analog Devices AD9226ARSZ Datasheet HTML 20Page - Analog Devices AD9226ARSZ Datasheet HTML 21Page - Analog Devices AD9226ARSZ Datasheet HTML 22Page - Analog Devices AD9226ARSZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
REV. B
AD9226
–19–
MODE CONTROLS
Clock Stabilizer
The clock stabilizer is a circuit that desensitizes the ADC from
clock duty cycle variations. The AD9226 eases system clock
constraints by incorporating a circuit that restores the internal duty
cycle to 50%, independent of the input duty cycle. Low jitter on
the rising edge (sampling edge) of the clock is preserved while
the noncritical falling edge is generated on-chip.
It may be desirable to disable the clock stabilizer, and may be
necessary when the clock frequency speed is varied or completely
stopped. Once the clock frequency is changed, over 100 clock
cycles may be required for the clock stabilizer to settle to a dif-
ferent speed. When the stabilizer is disabled, the internal switching
will be directly affected by the clock state. If the external clock is
high, the SHA will be in hold. If the clock pulse is low, the SHA
will be in track. TPC 16 shows the benefits of using the clock
stabilizer. See Tables I and III.
Data Format Select (DFS)
The AD9226 may be set for binary or two’s complement data
output formats. See Tables I and II.
SSOP Package
The SSOP mode control (Pin 22) has two functions. It enables/
disables the clock stabilizer and determines the output data format.
The exact functions of the mode pin are outlined in Table I.
Table I. Mode Select (SSOP)
Mode
DFS
Clock Duty Cycle Shaping
DNC
Binary
Clock Stabilizer Disabled
AVDD
Binary
Clock Stabilizer Enabled
GND
Two’s Complement
Clock Stabilizer Enabled
10 k
Ω
Two’s Complement
Clock Stabilizer Disabled
Resistor
To GND
LQFP Package
Pin 35 of the LQFP package determines the output data format
(DFS). If it is connected to AVSS, the output word will be straight
binary. If it is connected to AVDD, the output data format will
be two’s complement. See Table II.
Pin 43 of the LQFP package controls the clock stabilizer function
of the AD9226. If the pin is connected to AVSS, both clock
edges will be used in the conversion architecture. When Pin 43
is connected to AVDD, the internal duty cycle will be determined
by the clock stabilizer function within the ADC. See Table III.
Table II. DFS Pin Controls
DFS Function
Pin 35 Connection
Straight Binary
AVSS
Two’s Complement
AVDD
Table III. Clock Stabilizer Pin
Clock Restore Function
Pin 43 Connection
Clock Stabilizer Enabled
AVDD
Clock Stabilizer Disabled
AVSS
DIGITAL INPUTS AND OUTPUTS
Digital Outputs
Table IV details the relationship among the ADC input, OTR, and
straight binary output.
Table IV. Output Data Format
Two’s
Binary
Complement
Input (V)
Condition (V)
Output Mode
Mode
OTR
VINA–VINB < – VREF
0000 0000 0000
1000 0000 0000
1
VINA–VINB = – VREF
0000 0000 0000
1000 0000 0000
0
VINA–VINB = 0
1000 0000 0000
0000 0000 0000
0
VINA–VINB = + VREF – 1 LSB 1111 1111 1111
0111 1111 1111
0
VINA–VINB
≥ + VREF
1111 1111 1111
0111 1111 1111
1
Out of Range (OTR)
An out-of-range condition exists when the analog input voltage
is beyond the input range of the converter. OTR is a digital
output that is updated along with the data output corresponding
to the particular sampled analog input voltage. Hence, OTR has
the same pipeline delay (latency) as the digital data. It is LOW
when the analog input voltage is within the analog input range.
It is HIGH when the analog input voltage exceeds the input
range as shown in Figure 14. OTR will remain HIGH until the
analog input returns within the input range and another conversion
is completed. By logical ANDing OTR with the MSB and its
complement, overrange high or underrange low conditions can be
detected. Table V is a truth table for the over/underrange
circuit in Figure 15, which uses NAND gates. Systems requiring
programmable gain conditioning of the AD9226 input signal
can immediately detect an out-of-range condition, thus elimi-
nating gain selection iterations. Also, OTR can be used for
digital offset and gain calibration.
Table V. Out-of-Range Truth Table
OTR
MSB
Analog Input Is
0
0
In Range
0
1
In Range
1
0
Underrange
1
1
Overrange
1111 1111 1111
1111 1111 1111
1111 1111 1110
OTR
–FS
+FS
–FS +1/2 LSB
+FS – 1/2 LSB
–FS – 1/2 LSB
+FS – 1 1/2 LSB
0000 0000 0001
0000 0000 0000
0000 0000 0000
1
0
0
0
0
1
OTR DATA OUTPUTS
Figure 14. OTR Relation to Input Voltage and Output Data
OVER = 1
UNDER = 1
MSB
OTR
MSB
Figure 15. Overrange or Underrange Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com