Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9226AST Datasheet(PDF) 1 Page - Analog Devices

Part # AD9226AST
Description  Complete 12-Bit, 65 MSPS ADC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226AST Datasheet(HTML) 1 Page - Analog Devices

  AD9226AST Datasheet HTML 1Page - Analog Devices AD9226AST Datasheet HTML 2Page - Analog Devices AD9226AST Datasheet HTML 3Page - Analog Devices AD9226AST Datasheet HTML 4Page - Analog Devices AD9226AST Datasheet HTML 5Page - Analog Devices AD9226AST Datasheet HTML 6Page - Analog Devices AD9226AST Datasheet HTML 7Page - Analog Devices AD9226AST Datasheet HTML 8Page - Analog Devices AD9226AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
AD9226
Complete 12-Bit, 65 MSPS
ADC Converter
FUNCTIONAL BLOCK DIAGRAM
VINA
CAPT
CAPB
SENSE
OTR
BIT 1
(MSB)
BIT 12
(LSB)
VREF
DRVSS
AVSS
AD9226
SHA
CORRECTION LOGIC
OUTPUT BUFFERS
VINB
1V
REFCOM
4
16
3
12
DRVDD
AVDD
CLK
MODE
SELECT
MDAC1
A/D
A/D
8-STAGE
1-1/2-BIT PIPELINE
MODE
REF
SELECT
CALIBRATION
ROM
DUTY CYCLE STABILIZER
FEATURES
Signal-to-Noise Ratio: 69 dB @ fIN = 31 MHz
Spurious-Free Dynamic Range: 85 dB @ fIN = 31 MHz
Intermodulation Distortion of –75 dBFS @ fIN = 140 MHz
ENOB = 11.1 @ fIN = 10 MHz
Low-Power Dissipation: 475 mW
No Missing Codes Guaranteed
Differential Nonlinearity Error:
0.6 LSB
Integral Nonlinearity Error:
0.6 LSB
Clock Duty Cycle Stabilizer
Patented On-Chip Sample-and-Hold with
Full Power Bandwidth of 750 MHz
Straight Binary or Two’s Complement Output Data
28-Lead SSOP, 48-Lead LQFP
Single 5 V Analog Supply, 3 V/5 V Driver Supply
Pin-Compatible to AD9220, AD9221, AD9223,
AD9224, AD9225
PRODUCT DESCRIPTION
The AD9226 is a monolithic, single-supply, 12-bit, 65 MSPS
analog-to-digital converter with an on-chip, high-performance
sample-and-hold amplifier and voltage reference. The AD9226
uses a multistage differential pipelined architecture with a pat-
ented input stage and output error correction logic to provide
12-bit accuracy at 65 MSPS data rates. There are no missing
codes over the full operating temperature range (guaranteed).
The input of the AD9226 allows for easy interfacing to both
imaging and communications systems. With a truly differential
input structure, the user can select a variety of input ranges and
offsets including single-ended applications.
The sample-and-hold amplifier (SHA) is well suited for IF
undersampling schemes such as in single-channel communi-
cation applications with input frequencies up to and well
beyond Nyquist frequencies.
The AD9226 has an on-board programmable reference. For sys-
tem design flexibility, an external reference can also be chosen.
A single clock input is used to control all internal conversion
cycles. An out-of-range signal indicates an overflow condition
that can be used with the most significant bit to determine low
or high overflow.
The AD9226 has two important mode functions. One will set
the data format to binary or two’s complement. The second will
make the ADC immune to clock duty cycle variations.
PRODUCT HIGHLIGHTS
IF Sampling—The patented SHA input can be configured for
either single-ended or differential inputs. It will maintain out-
standing AC performance up to input frequencies of 300 MHz.
Low Power—The AD9226 at 475 mW consumes a fraction of
the power presently available in existing, high-speed monolithic
solutions.
Out of Range (OTR)—The OTR output bit indicates when
the input signal is beyond the AD9226’s input range.
Single Supply—The AD9226 uses a single 5 V power supply
simplifying system power supply design. It also features a sepa-
rate digital output driver supply line to accommodate 3 V and
5 V logic families.
Pin Compatibility—The AD9226 is similar to the AD9220,
AD9221, AD9223, AD9224, and AD9225 ADCs.
Clock Duty Cycle Stabilizer—Makes conversion immune to
varying clock pulsewidths.


Similar Part No. - AD9226AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9226AST AD-AD9226AST Datasheet
1Mb / 28P
Complete 12-Bit, 65 MSPS ADC Converter
REV.0
AD9226AST AD-AD9226AST Datasheet
985Kb / 28P
Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226AST AD-AD9226AST Datasheet
1,018Kb / 29P
ADC Converter
REV. B
More results

Similar Description - AD9226AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9226 AD-AD9226 Datasheet
1Mb / 28P
Complete 12-Bit, 65 MSPS ADC Converter
REV.0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
12-Bit, 65 MSPS A/D Converter
1998 06
logo
Analog Devices
AD15252 AD-AD15252 Datasheet
628Kb / 20P
12-Bit, 65 MSPS, Dual ADC
REV. 0
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9226 AD-AD9226_01 Datasheet
985Kb / 28P
Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
12-Bit, 65 MSPS, Dual ADC
REV. 0
AD9226 AD-AD9226_15 Datasheet
985Kb / 28P
Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com