Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9226AST Datasheet(PDF) 21 Page - Analog Devices

Part # AD9226AST
Description  Complete 12-Bit, 65 MSPS ADC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226AST Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9226AST Datasheet HTML 17Page - Analog Devices AD9226AST Datasheet HTML 18Page - Analog Devices AD9226AST Datasheet HTML 19Page - Analog Devices AD9226AST Datasheet HTML 20Page - Analog Devices AD9226AST Datasheet HTML 21Page - Analog Devices AD9226AST Datasheet HTML 22Page - Analog Devices AD9226AST Datasheet HTML 23Page - Analog Devices AD9226AST Datasheet HTML 24Page - Analog Devices AD9226AST Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
REV. B
AD9226
–21–
VR
VR is an internal bias point on the LQFP package. It must be
decoupled to ground with a 0.1
µF capacitor.
The digital activity on the AD9226 chip falls into two general
categories: correction logic and output drivers. The internal
correction logic draws relatively small surges of current, mainly
during the clock transitions. The output drivers draw large
current impulses while the output bits are changing. The size
and duration of these currents are a function of the load on the
output bits: large capacitive loads are to be avoided.
For the digital decoupling shown in Figure 19, 0.1
µF ceramic
chip and 10
µF tantalum capacitors are appropriate. Reason-
able capacitive loads on the data pins are less than 20 pF per
bit. Applications involving greater digital loads should consider
increasing the digital decoupling proportionally and/or using
external buffers/latches.
A complete decoupling scheme will also include large tantalum
or electrolytic capacitors on the power supply connector to
reduce low-frequency ripple to negligible levels.
EVALUATION BOARD AND TYPICAL BENCH
CHARACTERIZATION TEST SETUP
The AD9226 evaluation board is configured to operate upon
applying both power and the analog and clock input signals. It
provides three possible analog input interfaces to characterize
the AD9226’s ac and dc performance. For ac characterization, it
provides a transformer coupled input with the common-mode
input voltage (CMV) set to AVDD/2. Note, the evaluation
board is shipped with a transformer coupled interface and a 2 V
input span. For differential dc coupled applications, the evalua-
tion board has provisions to be driven by the AD8138 amplifier.
If a single-ended input is desired, it may be driven through the
S3 connector. The various input signal options are accessible by
the jumper connections. Refer to the Evaluation Board schematic.
The clock input signal to the AD9226 evaluation board can be
applied to one of two inputs, CLOCK and AUXCLK. The
CLOCK input should be selected if the frequency of the input
clock signal is at the target sample rate of the AD9226. The
input clock signal is ac-coupled and level-shifted to the switch-
ing threshold of a 74VHC02 clock driver. The AUXCLK input
should be selected in applications requiring the lowest jitter and
SNR performance (i.e., IF Undersampling characterization). It
allows the user to apply a clock input signal that is 4
× the target
sample rate of the AD9226. A low-jitter, differential divide-by-4
counter, the MC100EL33D, provides a 1
× clock output that is
subsequently returned back to the CLOCK input via JP7. For
example, a 260 MHz signal (sinusoid) will be divided down to
a 65 MHz signal for clocking the ADC. Note, R1 must be
removed with the AUXCLK interface. Lower jitter is often
achieved with this interface since many RF signal generators
display improved phase noise at higher output frequencies and
the slew rate of the sinusoidal output signal is 4
× that of a 1×
signal of equal amplitude.
Figure 20 shows the bench characterization setup used to evalu-
ate the AD9226’s ac performance for many of the data sheet
characterization curves. Signal and Clock RF generators A and
B are high-frequency, “very” low-phase noise frequency sources.
These generators should be phase locked by sharing the same
10 MHz REF signal (located on the instruments back panel) to
allow for nonwindowed, coherent FFTs. Also, the AUXCLK
option on the AD9226 evaluation board should be used to
achieve the best SNR performance. Since the distortion and
broadband noise of an RF generator can often be a limiting
factor in measuring the true performance of an ADC, a high Q
passive bandpass filter should be inserted between the generator
and AD9226 evaluation board.
5V
5V
3V
3V
AVDD
GND
GND
DUT
DVDD
DVDD
DUT
AVDD
DSP
EQUIPMENT
S4
INPUT
xFMR
S1
INPUT
CLOCK
AD9226
EVALUATION BOARD
1MHz
BANDPASS FILTER
SIGNAL SYNTHESIZER
65(OR 260MHz), 4V p-p
HP8644
OUTPUT
WORD
(P1)
S4
AUX CLOCK
( 4)
REFIN
CLK SYNTHESIZER
65(OR 260MHz), 4V p-p
HP8644
10MHz
REFOUT
Figure 20. Evaluation Board Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com