Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6702ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6702ACPZ-R7
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6702ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
ADRF6702
Rev. B | Page 11 of 36
0
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
TA =–40°C
TA =+25°C
TA =+85°C
–10
–20
–30
–40
–50
–60
–70
–80
LO FREQUENCY (MHz)
Figure 10. Carrier Feedthrough vs. LO Frequency (fLO) and Temperature;
Multiple Devices Shown
TA =–40°C
TA =+25°C
TA =+85°C
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
LO FREQUENCY (MHz)
–80
–70
–90
–20
–10
0
–30
–40
–50
–60
Figure 11. Sideband Suppression vs. LO Frequency (fLO) and Temperature;
Multiple Devices Shown
0
10
20
30
40
50
60
70
80
90
OIP2
OIP3
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
LO FREQUENCY (MHz)
TA =–40°C
TA =+25°C
TA =+85°C
Figure 12. OIP3 and OIP2 vs. LO Frequency (fLO) and Temperature
(POUT ≈ −2 dBm per Tone); Multiple Devices Shown
0
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
LO FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
TA =–40°C
TA =+25°C
TA =+85°C
Figure 13. Carrier Feedthrough vs. LO Frequency (fLO) and Temperature After
Nulling at 25°C; Multiple Devices Shown
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
–80
–70
–90
–20
–10
0
–30
–40
–50
–60
TA =–40°C
TA =+25°C
TA =+85°C
LO FREQUENCY (MHz)
Figure 14. Sideband Suppression vs. LO Frequency (fLO) and Temperature
After Nulling at 25°C; Multiple Devices Shown
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
LO FREQUENCY (MHz)
TA =–40°C
TA =+25°C
TA =+85°C
THIRD-ORDER DISTORTION
SECOND-ORDER DISTORTION
Figure 15. Second- and Third-Order Distortion vs. LO Frequency (fLO) and
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com