Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6702ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6702ACPZ-R7
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6702ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6702ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADRF6702
Data Sheet
Rev. B | Page 14 of 36
0
10
20
30
40
50
60
70
80
90
100
1850MHz
1960MHz
2140MHz
NOISE FLOOR (dBm/Hz)
–164
–162
–160
–158
–156
–163
–161
–159
–157
–155 –154
Figure 28. IQ Modulator Noise Floor Cumulative Distributions at 1850 MHz,
1960 MHz, and 2140 MHz
25
0
50
100
150
200
250
300
TIME (µs)
20
15
10
5
0
–5
–10
–15
Figure 29. Frequency Deviation from LO Frequency at
LO = 1.97 GHz to 1.96 GHz vs. Lock Time
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
LO FREQUENCY (MHz)
SSB OUTPUT POWER
LO FEEDTHROUGH
Figure 30. SSB Output Power and LO Feedthrough with RF Output Disabled
2.0
TEMPERATURE (°C)
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
–40
–15
10
35
60
85
Figure 31. VPTAT Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com