Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6703 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6703
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6703 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6703 Datasheet HTML 9Page - Analog Devices ADRF6703 Datasheet HTML 10Page - Analog Devices ADRF6703 Datasheet HTML 11Page - Analog Devices ADRF6703 Datasheet HTML 12Page - Analog Devices ADRF6703 Datasheet HTML 13Page - Analog Devices ADRF6703 Datasheet HTML 14Page - Analog Devices ADRF6703 Datasheet HTML 15Page - Analog Devices ADRF6703 Datasheet HTML 16Page - Analog Devices ADRF6703 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
ADRF6702
Rev. B | Page 13 of 36
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
LO FREQUENCY (MHz)
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
TA =–40°C
TA =+25°C
TA =+85°C
2 × PFD FREQUENCY
4 × PFD FREQUENCY
Figure 22. PLL Reference Spurs vs. LO Frequency (2× PFD and 4× PFD) at
Modulator Output
TA =–40°C
TA =+25°C
TA =+85°C
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
LO FREQUENCY (MHz)
–80
–85
–70
–75
–90
–95
–100
–105
–110
–115
–120
0.5 × PFD FREQUENCY
1 × PFD FREQUENCY
3 × PFD FREQUENCY
Figure 23. PLL Reference Spurs vs. LO Frequency (0.5× PFD, 1× PFD,
and 3× PFD) at Modulator Output
2.8
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
LO FREQUENCY (MHz)
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
TA =–40°C
TA =+25°C
TA =+85°C
Figure 24. VTUNE vs. LO Frequency and Temperature
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
LO FREQUENCY (MHz)
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
2×PFDFREQUENCY
4×PFDFREQUENCY
TA =–40°C
TA =+25°C
TA =+85°C
Figure 25. PLL Reference Spurs vs. LO Frequency (2× PFD and 4× PFD) at LO
Output
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
LO FREQUENCY (MHz)
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
1×PFDFREQUENCY
3×PFDFREQUENCY
TA =–40°C
TA =+25°C
TA =+85°C
0.5 × PFD FREQUENCY
Figure 26. PLL Reference Spurs vs. LO Frequency (0.5× PFD, 1× PFD, and
3× PFD) at LO Output
1k
10k
100k
1M
10M
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
FREQUENCY (Hz)
LO = 1841.074MHz
LO = 2140.48MHz
LO = 1943.26MHz
Figure 27. Open-Loop VCO Phase Noise at 1841.074 MHz, 1943.26 MHz, and
2140.48 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com