Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6703 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF6703
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6703 Datasheet(HTML) 2 Page - Analog Devices

  ADRF6703 Datasheet HTML 1Page - Analog Devices ADRF6703 Datasheet HTML 2Page - Analog Devices ADRF6703 Datasheet HTML 3Page - Analog Devices ADRF6703 Datasheet HTML 4Page - Analog Devices ADRF6703 Datasheet HTML 5Page - Analog Devices ADRF6703 Datasheet HTML 6Page - Analog Devices ADRF6703 Datasheet HTML 7Page - Analog Devices ADRF6703 Datasheet HTML 8Page - Analog Devices ADRF6703 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ADRF6702
Data Sheet
Rev. B | Page 2 of 36
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Characteristics ................................................................ 6
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ........................................... 10
Theory of Operation ...................................................................... 16
PLL + VCO.................................................................................. 16
Basic Connections for Operation............................................. 16
External LO ................................................................................. 16
Loop Filter ................................................................................... 17
DAC-to-IQ Modulator Interfacing .......................................... 18
Adding a Swing-Limiting Resistor ........................................... 18
IQ Filtering .................................................................................. 19
Baseband Bandwidth ................................................................. 19
Device Programming and Register Sequencing..................... 19
Register Summary .......................................................................... 20
Register Description....................................................................... 21
Register 0—Integer Divide Control (Default: 0x0001C0) .... 21
Register 1—Modulus Divide Control (Default: 0x003001).. 22
Register 2—Fractional Divide Control (Default: 0x001802) 22
Register 3—Σ-Δ Modulator Dither Control (Default:
0x10000B).................................................................................... 23
Register 4—PLL Charge Pump, PFD, and Reference Path
Control (Default: 0x0AA7E4)................................................... 24
Register 5—LO Path and Modulator Control (Default:
0x0000D5) ................................................................................... 26
Register 6—VCO Control and VCO Enable (Default:
0x1E2106).................................................................................... 27
Register 7—External VCO Enable ........................................... 27
Characterization Setups................................................................. 28
Evaluation Board ............................................................................ 30
Evaluation Board Control Software......................................... 30
Outline Dimensions ....................................................................... 35
Ordering Guide .......................................................................... 35
REVISION HISTORY
10/11—Rev. A to Rev. B
Changes Table 1 ................................................................................ 1
7/11—Rev. 0 to Rev. A
Changes to Noise Floor in Features Section and Table 1 ............ 1
Changes to Specifications Section .................................................. 2
Changes to Figure 16, Figure 17, and Figure 18 ......................... 12
Changes to Figure 28...................................................................... 14
Changes to Figure 32 and Figure 34............................................. 15
Added Figure 34, Renumbered Sequentially .............................. 15
Changes to Figure 35...................................................................... 17
Added Figure 40.............................................................................. 19
Changes to Figure 52...................................................................... 31
4/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com