Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6319xxARJZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM6319xxARJZ-R7
Description  Supervisory Circuits with Watchdog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6319xxARJZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADM6319xxARJZ-R7 Datasheet HTML 1Page - Analog Devices ADM6319xxARJZ-R7 Datasheet HTML 2Page - Analog Devices ADM6319xxARJZ-R7 Datasheet HTML 3Page - Analog Devices ADM6319xxARJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6319xxARJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6319xxARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6319xxARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6319xxARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6319xxARJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Supervisory Circuits with Watchdog
and Manual Reset in 5-Lead SOT-23
Data Sheet
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
26 reset threshold options
2.5 V to 5 V in 100 mV increments
4 reset timeout options
1 ms, 20 ms, 140 ms, and 1120 ms (minimum)
4 watchdog timeout options
6.3 ms, 102 ms, 1600 ms, and 25.6 sec (typical)
Manual reset input
Reset output stages
Push-pull active low
Open-drain active low
Push-pull active high
Low power consumption: 5 µA
Guaranteed reset output valid to VCC = 1 V
Power supply glitch immunity
Specified over industrial temperature range
5-lead SOT-23 package
APPLICATIONS
Microprocessor systems
Computers
Controllers
Intelligent instruments
Portable equipment
FUNCTIONAL BLOCK DIAGRAMS
ADM6316
VCC
VCC
MR
GND
WDI
RESET
RESET
GENERATOR
WATCHDOG
DETECTOR
DEBOUNCE
VREF
Figure 1.
ADM6320
VCC
MR
GND
WDI
RESET
RESET
GENERATOR
WATCHDOG
DETECTOR
DEBOUNCE
VREF
Figure 2.
GENERAL DESCRIPTION
The ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/
ADM6321/ADM6322 are supervisory circuits that monitor
power supply voltage levels and code execution integrity in
microprocessor-based systems. As well as providing power-
on reset signals, an on-chip watchdog timer can reset the
microprocessor if it fails to strobe within a preset timeout
period. A reset signal can also be asserted by an external push
button through a manual reset input. The seven parts feature
different combinations of watchdog input, manual reset input,
and output stage configuration, as shown in Table 1.
Each part is available in a choice of 26 reset threshold options
ranging from 2.5 V to 5 V in 100 mV increments. There are also
four reset timeout options of 1 ms, 20 ms, 140 ms, and 1120 ms
(minimum) and four watchdog timeout options of 6.3 ms, 102 ms,
1600 ms, and 25.6 sec (typical).
The ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/
ADM6321/ADM6322 are available in 5-lead SOT-23 packages
and typically consume only 3 µA, making them suitable for use
in low power portable applications.
Table 1. Selection Table
Part No.
Watchdog
Manual Reset
Output Stage
RESET
RESET
ADM6316
Yes
Yes
Push-pull
No
ADM6317
Yes
Yes
No
Push-pull
ADM6318
Yes
No
Push-pull
Push-pull
ADM6319
No
Yes
Push-pull
Push-pull
ADM6320
Yes
Yes
Open-drain
No
ADM6321
Yes
No
Open-drain
Push-pull
ADM6322
No
Yes
Open-drain
Push-pull


Similar Part No. - ADM6319xxARJZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6319xxARJZ-R7 AD-ADM6319xxARJZ-R7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog
Rev. F
More results

Similar Description - ADM6319xxARJZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Sipex Corporation
SP6330 SIPEX-SP6330 Datasheet
311Kb / 13P
Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog
Rev. F
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Texas Instruments
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
Processor Supervisory Circuits With Window-Watchdog
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
Family Processor Supervisory Circuits With Window-Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com