Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT-3 Datasheet(PDF) 1 Page - Riedon Powertron

Part # MT-3
Description  Low Ohm Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MT-3 Datasheet(HTML) 1 Page - Riedon Powertron

  MT-3 Datasheet HTML 1Page - Riedon Powertron MT-3 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 76
07/13
MT Series
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
• Resistances from 0.003 to 0.10Ohms
• Tolerance to ±0.1%
• TCR’s to ± 20 ppm/°C ( Four Terminal Version )
• For Current Sensing and Shunt Applications
• All Welded Construction
• Low Inductance ( <10nH )
• Four Terminal Versions Available (Consult Factory)
SPECIFICATIONS
TemperatureCoefficient
of Resistance (TCR)
0
0.01
0.03
0.05
0.07
0.09
0.11
0.13
500
400
300
200
100
0
Resistance Value ( W )
Part Description: Part Type - Resistance - Tolerance - TCR ( if not standard ) - 4T ( if desired )
Example: MT-5 0.01 Ohm 1% 4T
Specification
Value
Resistance Range
0.003 to 0.10 Ohms
Tolerances
2 Terminal: ±1% / ±5% ( Contact Factory for Others )
4 Terminal: ±0.1% / ±0.5% / ±1% / ±5% ( Contact Factory for Others )
Temperature Coefficient
See Chart Below
Inductance
<10nH
Dielectric Strength
1000VAC ( 500VAC for MT-1A and MT-2A )
Insulation Resistance
>1000 MOhms / Dry
Environmental Performance
(MIL-STD 202)
D
R
Test Conditions
Load Life
±1%
70°C / 90 min ON / 30 min OFF / 1000 hr
Moisture Resistance
±1%
40°C / 90-95% RH / DC 0.1W / 1000 hr
Temperature Cycling
±1%
-40°C for 30 min / +125°C for 30 min / 1000 hr
Short Term Overload
±1%
5X rated power for 5 seconds
2 Terminal
4 Terminal
Low Ohm Power Resistors
Ordering Information


Similar Part No. - MT-3

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MT-3 RIEDON-MT-3 Datasheet
316Kb / 2P
Low Ohm Power Resistors
logo
Multicomp Pro
MT-3 MULTICOMP-MT-3 Datasheet
217Kb / 1P
Marker Plate
29/08/22 V1.0
logo
ABB
MT-305B ABB-MT-305B Datasheet
2Mb / 24P
Pilot devices The core offering
2016
MT-310B ABB-MT-310B Datasheet
2Mb / 24P
Pilot devices The core offering
2016
More results

Similar Description - MT-3

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MT-5 RIEDON-MT-5 Datasheet
316Kb / 2P
Low Ohm Power Resistors
MT2A-0R05F1 RIEDON-MT2A-0R05F1 Datasheet
180Kb / 2P
Low Ohm Power Resistors
MT3-0R01F1 RIEDON-MT3-0R01F1 Datasheet
180Kb / 2P
Low Ohm Power Resistors
MT1A-0R01F1 RIEDON-MT1A-0R01F1 Datasheet
180Kb / 2P
Low Ohm Power Resistors
MT2B-0R1F1 RIEDON-MT2B-0R1F1 Datasheet
180Kb / 2P
Low Ohm Power Resistors
logo
WALSIN TECHNOLOGY CORPO...
WW12R_V WALSIN-WW12R_V Datasheet
583Kb / 9P
Metal low ohm power chip resistors
WW20N WALSIN-WW20N Datasheet
208Kb / 7P
Ultra low ohm power chip resistors
WW25A WALSIN-WW25A Datasheet
156Kb / 7P
Ultra low ohm power chip resistors
WW25B WALSIN-WW25B Datasheet
157Kb / 7P
Ultra low ohm power chip resistors
WW25N WALSIN-WW25N Datasheet
329Kb / 7P
Ultra low ohm power chip resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com