Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT-3 Datasheet(PDF) 2 Page - Riedon Powertron

Part # MT-3
Description  Low Ohm Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MT-3 Datasheet(HTML) 2 Page - Riedon Powertron

  MT-3 Datasheet HTML 1Page - Riedon Powertron MT-3 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 77
07/13
Type
Power Rating
Watts @ 25°C
Dimensions
A
±0.020”
[±0.5mm]
D
±0.020”
[±0.5mm]
C
±0.020”
[±0.5mm]
d
±0.002”
[±0.05mm]
W (4T)
±0.010”
[±0.3mm]
MT-1A
1
0.430 [10.9]
0.120 [3.0]
0.590 [15.0]
0.025 [0.6]
-
MT-2A
2
0.430 [10.9]
0.120 [3.0]
0.590 [15.0]
0.032 [0.8]
-
MT-2B
3
0.580 [14.7]
0.200 [5.1]
0.665 [16.9]
0.032 [0.8]
-
MT-2C
3
0.500 [12.7]
0.250 [6.4]
0.625 [15.9]
0.032 [0.8]
-
MT-3
4
0.600 [15.2]
0.250 [6.4]
0.675 [17.1]
0.032 [0.8]
0.125 [3.2]
MT-4
4.5
0.750 [19.1]
0.250 [6.4]
0.750 [19.1]
0.040 [1.0]
0.125 [3.2]
MT-5
5
0.890 [22.6]
0.335 [8.5]
0.820 [20.8]
0.040 [1.0]
0.125 [3.2]
MT-6
6
1.055 [26.8]
0.395 [10.0]
0.903 [22.9]
0.040 [1.0]
0.125 [3.2]
MT-10
10
1.755 [44.58]
0.355 [9.02]
1.338 [34.0]
0.040 [1.0]
0.125 [3.2]
SPECIFICATIONS (continued)
MT Series
Low Ohm Power Resistors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com