Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2902H Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2902H
Description  Low power quad operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902H Datasheet(HTML) 1 Page - STMicroelectronics

  LM2902H Datasheet HTML 1Page - STMicroelectronics LM2902H Datasheet HTML 2Page - STMicroelectronics LM2902H Datasheet HTML 3Page - STMicroelectronics LM2902H Datasheet HTML 4Page - STMicroelectronics LM2902H Datasheet HTML 5Page - STMicroelectronics LM2902H Datasheet HTML 6Page - STMicroelectronics LM2902H Datasheet HTML 7Page - STMicroelectronics LM2902H Datasheet HTML 8Page - STMicroelectronics LM2902H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2009
Doc ID 16486 Rev 1
1/13
13
LM2902H
Low power quad operational amplifier
Features
Wide gain bandwidth: 1.3 MHz
Extended temperature range: -40°C to +150°C
Input common-mode voltage range includes
negative rail
Large voltage gain: 100 dB
Very low supply current: 0.7 mA
Low input bias current: 20 nA
Low input offset current: 2 nA
Wide power supply range:
– Single supply: +3 V to +30 V
– Dual supplies: ±1.5 V to ±15 V
Internal ESD protection:
– 250 V HBM
– 150 V MM
Applications
Industrial
Automotive
Description
This circuit consists of four independent,
high-gain, internally frequency-compensated
operational amplifiers, designed specifically for
automotive and industrial control systems. It
operates from a single power supply over a wide
range of voltages. The low power supply drain is
independent of the magnitude of the power supply
voltage.
Application areas include transducer amplifiers,
DC gain blocks and all the conventional op-amp
circuits, which can now be more easily
implemented in single power supply systems.
For example, the circuit can be directly supplied
from a standard +5 V, which is used in logic
systems, and will easily provide the required
interface electronics without need for any
additional power supply.
In linear mode, the input common-mode voltage
range includes ground, and the output voltage
can also swing to ground even though operated
from a single power supply.
D
SO-14
(Plastic micropackage)
Shape of wafer
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
Pin connections
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - LM2902H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
LM2902H STMICROELECTRONICS-LM2902H Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
LM2902HD/HDT STMICROELECTRONICS-LM2902HD/HDT Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
LM2902HYD/HYDT STMICROELECTRONICS-LM2902HYD/HYDT Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
More results

Similar Description - LM2902H

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
logo
Texas Instruments
LM324-N-MIL TI1-LM324-N-MIL Datasheet
1Mb / 29P
Low-Power, Quad-Operational Amplifier
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com