Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2902H Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM2902H
Description  Low power quad operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902H Datasheet(HTML) 3 Page - STMicroelectronics

  LM2902H Datasheet HTML 1Page - STMicroelectronics LM2902H Datasheet HTML 2Page - STMicroelectronics LM2902H Datasheet HTML 3Page - STMicroelectronics LM2902H Datasheet HTML 4Page - STMicroelectronics LM2902H Datasheet HTML 5Page - STMicroelectronics LM2902H Datasheet HTML 6Page - STMicroelectronics LM2902H Datasheet HTML 7Page - STMicroelectronics LM2902H Datasheet HTML 8Page - STMicroelectronics LM2902H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LM2902H
Absolute maximum ratings and operating conditions
Doc ID 16486 Rev 1
3/13
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1) (VCC
+ - V
CC
-)
1.
All voltage values, except differential voltages are with respect to ground terminal.
+32
V
Vid
Differential input voltage(2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
+32
V
Vin
Input voltage
-0.3 to 32
V
Output short-circuit to ground(3)
3.
Short-circuits from the output to VCC can cause excessive heating. The maximum output current is
approximately 20 mA, independent of the magnitude of VCC. Destructive dissipation can result from
simultaneous short-circuits on all amplifiers.
20
mA
Iin
Input current (4): Vin < VCC
-
DC
AC (duty cycle = 10 %, T = 1 s)
4.
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the
collector-base junction of the input PNP transistor becoming forward-biased and thereby acting as input
diode clamp. In addition to this diode action, there is NPN parasitic action on the IC chip. This transistor
action can cause the output voltages of the Op-amps to go to the VCC voltage level (or to ground for a large
overdrive) for the time during which an input is driven negative.
This is not destructive and normal output is restored for input voltages above -0.3 V.
5
50
mA
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (5)
SO-14
5.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical and for a single
layer PCB.
105
°C/W
Rthjc
Thermal resistance junction to case (5)
SO-14
31
°C/W
Tstg
Storage temperature range
-65 to +150
°C
ESD
HBM: human body model(6)
6.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
370
V
MM: machine model(7)
7.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while other pins are floating.
150
CDM: charged device model(8)
8.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1500
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com