Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L60RL Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2L60RL
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L60RL Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2L60RL Datasheet HTML 1Page - STMicroelectronics STPS2L60RL Datasheet HTML 2Page - STMicroelectronics STPS2L60RL Datasheet HTML 3Page - STMicroelectronics STPS2L60RL Datasheet HTML 4Page - STMicroelectronics STPS2L60RL Datasheet HTML 5Page - STMicroelectronics STPS2L60RL Datasheet HTML 6Page - STMicroelectronics STPS2L60RL Datasheet HTML 7Page - STMicroelectronics STPS2L60RL Datasheet HTML 8Page - STMicroelectronics STPS2L60RL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS2L60
4/9
Doc ID 9173 Rev 6
Figure 7.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (DO-41)
Figure 8.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (SMB flat)
I (A)
M
0
1
2
3
4
5
6
7
8
9
10
1.E-03
1.E-02
1.E-01
1.E+00
IM
t
δ=0.5
t(s)
T =25°C
a
T =125°C
a
T =75°C
a
0
5
10
15
20
25
30
1.E-03
1.E-02
1.E-01
1.E+00
T
L=25°C
T
L=75°C
T
L=125°C
SMBflat
I (A)
M
t(s)
IM
t
δ=0.5
Figure 9.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SMA)
Figure 10.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (DO-41)
Z/R
th(j-a)
th(j-a)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
t (s)
p
Single pulse
epoxy printed circuit board FR4, copper thickness: 35 µm
Z/R
th(j-a)
th(j-a)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t (s)
p
Single pulse
Figure 11.
Relative variation of thermal
impedance junction to lead versus
pulse duration (SMB flat)
Figure 12.
Reverse leakage current versus
reverse voltage applied
(typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
Z/R
th(j-l)
th(j-l)
t (s)
p
epoxy printed circuit board FR4, copper thickness: 35 µm
I (µA)
R
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
0
102030
405060
V (V)
R
T =125°C
j
T =150°C
j
T =100°C
j
T =75°C
j
T =50°C
j
T =25°C
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com