Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L60RL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS2L60RL
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L60RL Datasheet(HTML) 5 Page - STMicroelectronics

  STPS2L60RL Datasheet HTML 1Page - STMicroelectronics STPS2L60RL Datasheet HTML 2Page - STMicroelectronics STPS2L60RL Datasheet HTML 3Page - STMicroelectronics STPS2L60RL Datasheet HTML 4Page - STMicroelectronics STPS2L60RL Datasheet HTML 5Page - STMicroelectronics STPS2L60RL Datasheet HTML 6Page - STMicroelectronics STPS2L60RL Datasheet HTML 7Page - STMicroelectronics STPS2L60RL Datasheet HTML 8Page - STMicroelectronics STPS2L60RL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STPS2L60
Characteristics
Doc ID 9173 Rev 6
5/9
Figure 13.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 14.
Forward voltage drop versus
forward current
(maximum values, low level)
C(pF)
10
100
1000
1
10
100
F=1MHz
V
=30mV
T =25°C
OSC
j
V (V)
R
I
(A)
FM
0
1
2
3
4
5
6
7
8
9
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
(V)
FM
T =25°C
(maximum values)
j
T =125°C
(maximum values)
j
T =125°C
(typical values)
j
Figure 15.
Thermal resistance junction to
ambient versus copper surface
under each lead (SMA and SMB flat)
Figure 16.
Thermal resistance versus lead
length (DO-41)
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S(Cu)(cm²)
SMA
SMBflat
epoxy printed circuit board FR4, copper thickness: 35 µm
R (°C/W)
th
Rth(j-I)
0
20
40
60
80
100
120
5
10152025
Rth(j-a)
L
(mm)
leads



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com