Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW2040 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW2040
Description  High voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW2040 Datasheet(HTML) 3 Page - STMicroelectronics

  STW2040 Datasheet HTML 1Page - STMicroelectronics STW2040 Datasheet HTML 2Page - STMicroelectronics STW2040 Datasheet HTML 3Page - STMicroelectronics STW2040 Datasheet HTML 4Page - STMicroelectronics STW2040 Datasheet HTML 5Page - STMicroelectronics STW2040 Datasheet HTML 6Page - STMicroelectronics STW2040 Datasheet HTML 7Page - STMicroelectronics STW2040 Datasheet HTML 8Page - STMicroelectronics STW2040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STW2040
Electrical characteristics
Doc ID 15149 Rev 2
3/10
2
Electrical characteristics
(Tcase = 25 °C; unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = 700 V
250
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 9 V
1
mA
V(BR)CEO
Collector-emitter
breakdown voltage (IB = 0)
IC = 10 mA
500
V
VCE(sat)
(1)
1. Pulsed duration = 300 µs, duty cycle
≤ 1.5 %
Collector-emitter saturation
voltage
IC = 6 A __
IB = 1.2 A
IC = 12 A _
IB = 2.4 A
IC = 20 A _
IB = 4 A
0.2
0.3
0.6
0.5
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 6 A __
IB = 1.2 A
IC = 12 A _
IB = 2.4 A
1.2
1.5
V
V
hFE
(1)
DC current gain
IC = 10 mA
VCE = 5 V
IC = 6 A ___ VCE = 5 V
IC = 12 A
VCE = 5 V
8
15
10
21
27
ton
tf
ts
Resistive load
Turn-on time
Fall time
Storage time
VCC = 200 V
VBE(off) = -5 V IC = 7.5 A
IB(on) = 1.5 A
IB(off) = -3 A
140
100
1.6
ns
ns
µs
ts
tf
Inductive load
Storage time
Fall time
VCL = 250 V
VBE(off) = -5 V IC = 7.5 A
IB(on) = 1.5 A
IB(off) = -3 A
1.8
30
µs
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com