Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW2040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW2040
Description  High voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW2040 Datasheet(HTML) 1 Page - STMicroelectronics

  STW2040 Datasheet HTML 1Page - STMicroelectronics STW2040 Datasheet HTML 2Page - STMicroelectronics STW2040 Datasheet HTML 3Page - STMicroelectronics STW2040 Datasheet HTML 4Page - STMicroelectronics STW2040 Datasheet HTML 5Page - STMicroelectronics STW2040 Datasheet HTML 6Page - STMicroelectronics STW2040 Datasheet HTML 7Page - STMicroelectronics STW2040 Datasheet HTML 8Page - STMicroelectronics STW2040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
June 2009
Doc ID 15149 Rev 2
1/10
10
STW2040
High voltage fast-switching NPN power transistor
Features
■ High voltage capability
■ High DC current gain
■ Minimum lot to lot spread for reliable operation
Application
■ Switching mode power supplies
Description
The STW2040 is manufactured using diffused
collector in planar technology adopting base
island layout.
.
Figure 1.
Internal schematic diagram
TO-247
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STW2040
W2040
TO-247
Tube
www.st.com


Similar Part No. - STW2040

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
STW200 ZIEHL-STW200 Datasheet
244Kb / 1P
Current-Relay for Obstacle Lights AC 12 - 120 mA for LED-Lamps, 0,1...1 A for light bulbs
logo
STMicroelectronics
STW200NF03 STMICROELECTRONICS-STW200NF03 Datasheet
292Kb / 8P
N-CHANNEL 30V - 0.002 ohm - 120A TO-247 ULTRA LOW ON-RESISTANCE STripFET™ II MOSFET
Oct-2002
logo
Inchange Semiconductor ...
STW200NF03 ISC-STW200NF03 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
logo
ZIEHL industrie-elektro...
STW20K ZIEHL-STW20K Datasheet
259Kb / 1P
Current-Relay STW20K AC-Detection, AND-Evaluation, 3 Transformers
logo
STMicroelectronics
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
More results

Similar Description - STW2040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com