Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPDV40 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TPDV40
Description  40 A high voltage Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPDV40 Datasheet(HTML) 3 Page - STMicroelectronics

  TPDV40 Datasheet HTML 1Page - STMicroelectronics TPDV40 Datasheet HTML 2Page - STMicroelectronics TPDV40 Datasheet HTML 3Page - STMicroelectronics TPDV40 Datasheet HTML 4Page - STMicroelectronics TPDV40 Datasheet HTML 5Page - STMicroelectronics TPDV40 Datasheet HTML 6Page - STMicroelectronics TPDV40 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPDVxx40
Characteristics
Doc ID 18270 Rev 1
3/7
Table 4.
Gate characteristics (maximum values)
Symbol
Parameter
Value
Unit
PG(AV)
Average gate power dissipation
1
W
PGM
Peak gate power dissipation
tp = 20 µs
40
W
IGM
Peak gate current
tp = 20 µs
8
A
VGM
Peak positive gate voltage
tp = 20 µs
16
V
Table 5.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
50
°C/W
Rth(j-c) DC
Junction to case for DC
1.2
°C/W
Rth(j-c) AC
Junction to case for 360 °Conduction angle (F = 50 Hz)
0.9
°C/W
Figure 1.
Max. rms power dissipation versus
on-state rms current (F = 50 Hz).
(curves limited by (dI/dt)c)
Figure 2.
Max. rms power dissipation and
max. allowable temperatures
(Tamb and Tcase) for various Rth
P(W)
I
(A)
T(RMS)
α = 180°
α = 120°
α = 90°
40
50
60
30
20
10
0
0
5
10
15
20
25
30
35
40
α = 30°
α = 60°
180°
α
α
T
(°C)
amb
0
20
40
60
80
100
120
140
125
85
75
95
115
105
P(W)
T
(°C)
case
40
50
60
30
20
10
0
R = 0.75°C/W
th
R = 0.5°C/W
th
R = 0.25°C/W
th
R = 0°C/W
th
Figure 3.
On-state rms current versus case
temperature
Figure 4.
Relative variation of thermal
impedance versus pulse duration
I
(A)
T(RMS)
30
40
50
20
10
0
025
75
50
100
125
T
(°C)
case
α = 180°
K=[Z
/R
th(j-c)
th(j-c)]
t (s)
p
Zth(j-c)
Zth(j-a)
1.00
0.10
0.01
0.0
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com