Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPDV40 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TPDV40
Description  40 A high voltage Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPDV40 Datasheet(HTML) 4 Page - STMicroelectronics

  TPDV40 Datasheet HTML 1Page - STMicroelectronics TPDV40 Datasheet HTML 2Page - STMicroelectronics TPDV40 Datasheet HTML 3Page - STMicroelectronics TPDV40 Datasheet HTML 4Page - STMicroelectronics TPDV40 Datasheet HTML 5Page - STMicroelectronics TPDV40 Datasheet HTML 6Page - STMicroelectronics TPDV40 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
TPDVxx40
4/7
Doc ID 18270 Rev 1
Figure 9.
Safe operating area below curve
Figure 5.
Relative variation of gate trigger
current and holding current versus
junction temperature
Figure 6.
Non repetitive surge peak on-state
current versus number of cycles
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
T (°C)
j
IGT
IH & IL
2.5
2
1.5
1
0.5
0
-20
-30
-40
0
10
-10
20
40
30
50
60
70
80
90 100 110 120 130
I
(A)
TSM
200
250
300
350
150
100
50
0
1
10
100
1000
t =10ms
p
One cycle
Number of cycles
T initial=25°C
j
Figure 7.
Non-repetitive surge peak on-state
current for a sinusoidal pulse and
corresponding values of I2t
Figure 8.
On-state characteristics (maximum
values)
I
(A), I t (A s)
TSM
22
100
10000
1000
1
2
510
t (ms)
p
I t
2
ITSM
T initial = 25°C
j
I
(A)
TM
1000
100
10
1
12
3
4
5
6
V
(V)
TM
V =1.02V
R =12m
T max.:
j
t0
d
Ω
Tj=max
T =25°C
j
(dV/dt)c(V/µs)
1000
100
10
1
(dI/dt)c(A/ms)
T initial = 25°C
j
1
100
1000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com