Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN805 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN805
Description  Sensitive and standard 8 A SCRs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN805 Datasheet(HTML) 1 Page - STMicroelectronics

  TN805 Datasheet HTML 1Page - STMicroelectronics TN805 Datasheet HTML 2Page - STMicroelectronics TN805 Datasheet HTML 3Page - STMicroelectronics TN805 Datasheet HTML 4Page - STMicroelectronics TN805 Datasheet HTML 5Page - STMicroelectronics TN805 Datasheet HTML 6Page - STMicroelectronics TN805 Datasheet HTML 7Page - STMicroelectronics TN805 Datasheet HTML 8Page - STMicroelectronics TN805 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2011
Doc ID 7476 Rev 7
1/13
13
TN805, TN815
TS820, TYN608
Sensitive and standard 8 A SCRs
Features
■ On-state rms current, IT(RMS) 8 A
■ Repetitive peak off-state voltage, VDRM/VRRM
600 and 800 V
■ Triggering gate current, IGT 0.2 to 15 mA
Description
Available either in sensitive (TS8) or standard
(TN8 / TYN) gate triggering levels, the 8 A SCR
series is suitable to fit all modes of control found
in applications such as overvoltage crowbar
protection, motor control circuits in power tools
and kitchen aids, inrush current limiting circuits,
capacitive discharge ignition and voltage
regulation circuits.
Available in through-hole or surface-mount
packages, they provide an optimized performance
in a limited space.
A
K
G
A
A
A
K
G
A
K
G
A
A
K
G
A
AK
G
A
K
G
TO-220AB
TS820-600T
TO-220AB
TYN608RG
DPAK
TN805-600B
TN815-x00B
TS820-600B
IPAK
TS820-600H
TO-220FPAB
TS820-600FP
Table 1.
Device summary
Order code
Voltage (x00) VDRM/VRRM
Sensitivity
IGT
Package
600 V
800 V
TS820-600B
X
0.2 mA
DPAK
TS820-600H
X
0.2 mA
IPAK
TS820-600T
X
0.2 mA
TO-220AB
TS820-600FP
X
0.2 mA
TO-220FPAB
TN805-600B
X
5 mA
DPAK
TN815-x00B
X
X
15 mA
DPAK
TYN608RG
X
15 mA
TO-220AB
www.st.com


Similar Part No. - TN805

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN805 STMICROELECTRONICS-TN805 Datasheet
74Kb / 5P
SCR?셲
Aug-1998
TN805 STMICROELECTRONICS-TN805 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
TN805-400B STMICROELECTRONICS-TN805-400B Datasheet
74Kb / 5P
SCR?셲
Aug-1998
TN805-600B STMICROELECTRONICS-TN805-600B Datasheet
74Kb / 5P
SCR?셲
Aug-1998
logo
Kersemi Electronic Co.,...
TN805-600B KERSEMI-TN805-600B Datasheet
486Kb / 9P
8A SCR
More results

Similar Description - TN805

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Littelfuse
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
8 Amp Sensitive Standard SCRs
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
Sensitive and Standard SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com