Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN805 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TN805
Description  Sensitive and standard 8 A SCRs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN805 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TN805 Datasheet HTML 5Page - STMicroelectronics TN805 Datasheet HTML 6Page - STMicroelectronics TN805 Datasheet HTML 7Page - STMicroelectronics TN805 Datasheet HTML 8Page - STMicroelectronics TN805 Datasheet HTML 9Page - STMicroelectronics TN805 Datasheet HTML 10Page - STMicroelectronics TN805 Datasheet HTML 11Page - STMicroelectronics TN805 Datasheet HTML 12Page - STMicroelectronics TN805 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
TN805, TN815, TS820, TYN608
12/13
Doc ID 7476 Rev 7
4
Ordering information
5
Revision history
Table 11.
Ordering information
Order code
Marking
Package
Weight
Base qty Delivery mode
TN805-600B-TR
TN805600
DPAK
0.3 g
2500
Tape and reel
TN815-600B-TR
TN815600
DPAK
0.3 g
2500
Tape and reel
TN815-800B-TR
TN815800
DPAK
0.3 g
2500
Tape and reel
TS820-600B
TS820600
DPAK
0.3 g
75
Tube
TS820-600B-TR
TS820600
DPAK
0.3 g
2500
Tape and reel
TS820-600H
TS820600
IPAK
0.4 g
75
Tube
TS820-600T
TS820600T
TO-220AB
2.3 g
50
Tube
TS820-600FP
TS820600
TO-220FPAB
2.0 g
50
Tube
TYN608RG
TYN608
TO-220AB
2.3 g
50
Tube
Table 12.
Document revision history
Date
Revision
Changes
Apr-2002
4A
Last update.
13-Feb-2006
5
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.
22-Jan-2010
6
Alpha definition updated in Figure 1. Thermal resistance,
junction to case, updated in Table 5.
10-Oct-2011
7
Added TO-220FPAB package. Removed 700 V and
1000 V products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com