Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC76SN Datasheet(PDF) 16 Page - Microchip Technology

Part # 93LC76SN
Description  8K/16K 2.5V Microwire Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC76SN Datasheet(HTML) 16 Page - Microchip Technology

Back Button 93LC76SN Datasheet HTML 12Page - Microchip Technology 93LC76SN Datasheet HTML 13Page - Microchip Technology 93LC76SN Datasheet HTML 14Page - Microchip Technology 93LC76SN Datasheet HTML 15Page - Microchip Technology 93LC76SN Datasheet HTML 16Page - Microchip Technology 93LC76SN Datasheet HTML 17Page - Microchip Technology 93LC76SN Datasheet HTML 18Page - Microchip Technology 93LC76SN Datasheet HTML 19Page - Microchip Technology 93LC76SN Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
93LC76/86
DS21131F-page 16
 2010 Microchip Technology Inc.
APPENDIX A:
REVISION HISTORY
Revision E
Added note to page 1 header (Not recommended for
new designs).
Added Section 5.0: Package Marking Information.
Added On-line Support page.
Updated document format.
Revision F
Removed Preliminary Status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com