Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 360 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 360 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 356Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 357Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 358Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 359Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 360Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 361Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 362Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 363Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 364Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 360
Preliminary
 2009 Microchip Technology Inc.
TABLE 30-42: AUDIO DAC MODULE SPECIFICATIONS
TABLE 30-41: ADC CONVERSION (10-BIT MODE) TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 T A  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ(2)
Max.
Units
Conditions
Clock Parameters(1)
AD50
TAD
ADC Clock Period
76
—
—
ns
—
AD51
tRC
ADC Internal RC Oscillator Period
—
250
—
ns
—
Conversion Rate
AD55
tCONV
Conversion Time
—
12 TAD
——
—
AD56
FCNV
Throughput Rate
—
—
1.1
Msps
—
AD57
TSAMP
Sample Time
2 TAD
——
—
—
Timing Parameters
AD60
tPCS
Conversion Start from Sample
Trigger(2)
2 TAD
—3 TAD
—
Auto-Convert Trigger
not selected
AD61
tPSS
Sample Start from Setting
Sample (SAMP) bit(2)
2 TAD
—3 TAD
——
AD62
tCSS
Conversion Completion to
Sample Start (ASAM = 1)(2)
—0.5 TAD
——
—
AD63
tDPU
Time to Stabilize Analog Stage
from ADC Off to ADC On(2,3)
——
20
s—
Note 1:
Because the sample caps eventually loses charge, clock rates below 10 kHz may affect linearity
performance, especially at elevated temperatures.
2:
These parameters are characterized but not tested in manufacturing.
3:
The tDPU is the time required for the ADC module to stabilize at the appropriate level when the module is
turned on (AD1CON1<ADON>=’1’). During this time, the ADC result is indeterminate.
AC/DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
Clock Parameters
DA01
VOD+
Positive Output Differential
Voltage
11.15
2
V
VOD+ = VDACH – VDACL
See Note 1, 2
DA02
VOD-
Negative Output Differential
Voltage
-2
-1.15
-1
V
VOD- = VDACL – VDACH
See Note 1, 2
DA03
VRES
Resolution
—
16
—
bits
—
DA04
GERR
Gain Error
—
3.1
—
%
—
DA08
FDAC
Clock frequency
—
—
25.6
MHz
—
DA09
FSAMP
Sample Rate
0
—
100
kHz
—
DA10
FINPUT
Input data frequency
0
—
45
kHz
Sampling frequency = 100 kHz
DA11
TINIT
Initialization period
1024
—
—
Clks Time before first sample
DA12
SNR
Signal-to-Noise Ratio
—
61
dB
Sampling frequency = 96 kHz
Note 1:
Measured VDACH and VDACL output with respect to VSS, with no load and FORM bit (DACXCON<8>) = 0.
2:
This parameter is tested at -40°C
TA  85°C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com