Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 362 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 362 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 358Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 359Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 360Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 361Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 362Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 363Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 364Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 365Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 366Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 362
Preliminary
 2009 Microchip Technology Inc.
TABLE 30-44: COMPARATOR MODULE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
D300
VIOFF
Input Offset Voltage(1)
—±10
—
mV
—
D301
VICM
Input Common Mode Voltage(1)
0—
AVDD-1.5V
V
—
D302
CMRR
Common Mode Rejection Ratio (1)
-54
—
—
dB
—
Note 1:
Parameters are characterized but not tested.
TABLE 30-45: COMPARATOR REFERENCE VOLTAGE SETTLING TIME SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
VR310
TSET
Settling Time(1)
——
10
s—
Note 1:
Settling time measured while CVRR = 1 and CVR3:CVR0 bits transition from ‘0000’ to ‘1111’.
TABLE 30-46: COMPARATOR REFERENCE VOLTAGE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
VRD310 CVRES
Resolution
CVRSRC/24
—
CVRSRC/32
LSb
—
VRD311 CVRAA
Absolute Accuracy
—
—
0.5
LSb
—
VRD312 CVRUR
Unit Resistor Value (R)
—
2k
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com