Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 363 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 363 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 359Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 360Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 361Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 362Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 363Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 364Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 365Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 366Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 367Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 363
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
FIGURE 30-23:
PARALLEL SLAVE PORT TIMING DIAGRAM
CS
PS3
PS4
PS1
PS2
RD
WR
PMD<7:0>
TABLE 30-47: PARALLEL SLAVE PORT TIME SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
PS1
TdtV2wrH
Data in Valid before WR or CS
Inactive (setup time)
20
—
—
ns
—
PS2
TwrH2dtI
WR or CS Inactive to Data-In
Invalid (hold time)
20
—
—
ns
—
PS3
TrdL2dtV
RD and CS to Active Data-Out
Valid
—
—
80
ns
—
PS4
TrdH2dtI
RD Active or CS Inactive to
Data-Out Invalid
10
—
30
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com