Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

316618 Datasheet(PDF) 7 Page - 3M Electronics

Part # 316618
Description  Product Specification
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

316618 Datasheet(HTML) 7 Page - 3M Electronics

  316618 Datasheet HTML 1Page - 3M Electronics 316618 Datasheet HTML 2Page - 3M Electronics 316618 Datasheet HTML 3Page - 3M Electronics 316618 Datasheet HTML 4Page - 3M Electronics 316618 Datasheet HTML 5Page - 3M Electronics 316618 Datasheet HTML 6Page - 3M Electronics 316618 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
JNPS-0814
10
Table 1: ENVIROMENTAL TEST
ITEM
TEST CONDITION
RELATED STANDARD
MOISTURE
-10
∼ 65°C, Relative Humidity 95% / 10 cycles
MIL-STD-202F106D
SALT SPRAY
NaCl 5% solution, 35
°C / 48 hours
MIL-STD-202F101D
THERMAL SHOCK
-55
°C→25°C→85°C→25°C / 5 cycles
MIL-STD-202F107G
HUMIDITY
(STEADY STATE)
40
°C, Relative Humidity 95% / 96 hours
MIL-STD-202F103B
THERMAL LIFE
Steady Current: Current Rating
× 110%, 85°C / 1000 hours
――――
H2S GAS
3
± 1 ppm, 40°C, Relative Humidity 70 ∼ 80% / 96 hours
JEIDA-38-1984
VIBRATION
Sweep Freq.: 10
∼ 55Hz, Amplitude: 1.52mm (or 98 m/s2)
Sweep Cycle: 1 min., Sweep time: 2 hours
Sweep Directions: X, Y, Z
MIL-STD-202F201A
MECHANICAL
SHOCK
490 m/s2, 11ms, Half sine shock pulse.
3 times / X,Y,Z directions (Total 9 times)
MIL-STD-202E213B
7. PLATING SPEC INDICATION ON CONNECTOR
The first letter, in stamped 3 letters on the connector body for lot numbering, identified the following
plating specs.
R XX : PL plating
Z XX : PE plating
Y XX : PC plating
* XX : two alphabet letters
8. PACKAGE & IDENTIFICATION
These products are packed with plastic tray and carton box for transit.
Carton box is identified by part number, quantity, maker name and lot number.
9. STORAGE
This products shall be stored in a room, ambient temperature 5
∼ 35°C, and ambient humidity
40
∼ 70%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com