Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

316618 Datasheet(PDF) 3 Page - 3M Electronics

Part # 316618
Description  Product Specification
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

316618 Datasheet(HTML) 3 Page - 3M Electronics

  316618 Datasheet HTML 1Page - 3M Electronics 316618 Datasheet HTML 2Page - 3M Electronics 316618 Datasheet HTML 3Page - 3M Electronics 316618 Datasheet HTML 4Page - 3M Electronics 316618 Datasheet HTML 5Page - 3M Electronics 316618 Datasheet HTML 6Page - 3M Electronics 316618 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
JNPS-0814
6
1. FUNCTION
This connector is one of MDR board mount receptacle straight series. And mating side has 2 rows of
female contacts with the pitch of 1.27mm and contact tails are arranged in 1.27mm×1.905mm staggered
grid. This connector can be mounted on the compatible PC board and mating with MDR plug connector
enables to have the electrical performance.
This connector is grounded by screw lockdown.
2. COMPATIBLE OBJECTS
2-1 COMPATIBLE CONNECTORS
3M BRAND MDR PLUG : 101XX-XXXX XX
2-2 COMPAIBLE PC BOARDS
PCB with solder plating hole
See RELATED SPECIFICATION DRAWINGS recommended hole pattern.
4U-0010-0466-2
3. RELATED SPECIFICATION DRAWINGS
See the drawings described in JNPD-0814.
4. RELATED TEST STANDARDS
MIL-STD-202
JEIDA-38-1984
JIS C 0050
JNTM-0039, JNTM-0040
*JNTM: Test Method Standard of Sumitomo 3M for Electronic and Electrical Component Parts.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com