Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLA507 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # VLA507
Description  BG2C-Universal Gate Drive Prototype Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

VLA507 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  VLA507 Datasheet HTML 1Page - Powerex Power Semiconductors VLA507 Datasheet HTML 2Page - Powerex Power Semiconductors VLA507 Datasheet HTML 3Page - Powerex Power Semiconductors VLA507 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Application
NOTES:
1
BG2C
– Universal Gate Drive Prototype Board
Description: The BG2C is a two channel gate drive circuit designed for use with high frequency optimized IGBT
modules. The BG2C utilizes Powerex VLA507 or VLA513 hybrid gate drivers and VLA106 series DC to DC
converters to provide efficient switching of modules rated up to 300A. The hybrid gate drivers include high speed
opto-couplers with typical propagation delay times as short as 200ns for control signal isolation. The hybrid DC
to DC converters provide fully isolated control power for each driving channel.
Features:
3A or 5A Peak Output Current
2500VRMS isolation for control power and signals
Standard AMP MTA .100” input/output connectors
Operates from a single 15 VDC or 24 VDC supply
Wide output voltage swing +15V/-8V
Low parts count – Only 17 parts for two channels
Compact Size 2.7” x 2.4” (69mm x 61mm)
Ordering Information: BG2C-3015 is a kit with a bare BG2C board, two VLA507 and two VLA106-15242s
BG2C-5015 is a kit with a bare BG2C board, two VLA513 and two VLA106-15242s
Applications:
BG2C is designed for use with Powerex NFH
Series and CM***DUS-12F high frequency IGBT
modules.
Use VLA106-15242 DC to DC converter for
operation with 15 VDC control power
Use VLA106-24242 DC to DC converter for
operation with 24 VDC control power
Second Release: July 10, 2012
Gate Driver
Part Number
Peak Drive
Current (IOP)
Minimum RG
Typical Application*
(IGBT Module Rating)
DC/DC Converter
VLA507
+/- 3A
3.9 Ω
Up to 100A
VLA513
+/- 5A
2.0 Ω
Up to 300A
* Compatible IGBT module depends on voltage rating, switching frequency and selected RG. Refer to Powerex application notes for details.
Note: For high frequency applications using modules with current ratings larger than 300A the Powerex VLA502-01 driver is recommmended
VLA106-15242
for 15 VDC input
VLA106-24242
for 24 VDC input
BG2C Application Guide


Similar Part No. - VLA507

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
VLA507 POWEREX-VLA507 Datasheet
207Kb / 3P
Hybrid IC IGBT Gate Driver
VLA507-01 POWEREX-VLA507-01 Datasheet
574Kb / 3P
Hybrid IC IGBT Gate Driver
logo
Isahaya Electronics Cor...
VLA507-01R ISAHAYA-VLA507-01R Datasheet
235Kb / 6P
HYBRID IC DRIVER FOR IGBT MODULES
More results

Similar Description - VLA507

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
GAU205P-15252 ISAHAYA-GAU205P-15252 Datasheet
94Kb / 6P
Universal Gate Drive Prototype Board
GAU205S-15252 ISAHAYA-GAU205S-15252 Datasheet
128Kb / 7P
Universal Gate Drive Prototype Board
GAU212P-15255 ISAHAYA-GAU212P-15255 Datasheet
93Kb / 6P
Universal Gate Drive Prototype Board
GAU212S-15255 ISAHAYA-GAU212S-15255 Datasheet
122Kb / 7P
Universal Gate Drive Prototype Board
logo
Powerex Power Semicondu...
BG2A POWEREX-BG2A Datasheet
296Kb / 5P
Universal Gate Drive Prototype Board
logo
Isahaya Electronics Cor...
GAU205P-15252A ISAHAYA-GAU205P-15252A Datasheet
375Kb / 6P
Universal Gate Drive Prototype Board
GAU205P-15402 ISAHAYA-GAU205P-15402 Datasheet
500Kb / 8P
Universal Gate Drive Prototype Board
GAU208P-15252 ISAHAYA-GAU208P-15252 Datasheet
564Kb / 8P
Universal Gate Drive Prototype Board
logo
Powerex Power Semicondu...
BG2A-NF POWEREX-BG2A-NF Datasheet
637Kb / 4P
BG2A ??Universal Gate Drive Prototype Board
BG2C-5015 POWEREX-BG2C-5015 Datasheet
628Kb / 4P
BG2C ??Universal Gate Drive Prototype Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com