Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLA507 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # VLA507
Description  BG2C-Universal Gate Drive Prototype Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

VLA507 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  VLA507 Datasheet HTML 1Page - Powerex Power Semiconductors VLA507 Datasheet HTML 2Page - Powerex Power Semiconductors VLA507 Datasheet HTML 3Page - Powerex Power Semiconductors VLA507 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Interface
Buffer
1
2
6
7
8
Opto Coupler
Control
Input
180
VCC
VO
VEE
Figure 1: VLA507/VLA513 Block Diagram
Circuit Explanation: The BG2C is a basic two channel gate driver designed around the recommended
application circuits for the Powerex VLA507 and VLA513 hybrid IGBT gate drivers in combination with either
VLA106-15242 or VLA106-24242 isolated DC to DC converters.
A functional block diagram of the VLA507/513 hybrid gate drivers is shown for reference in Figure 1.
These gate drivers are optimized for use with Powerex NFH series and CM**DUS-12F IGBT modules. The
drivers use a high speed open collector type opto-coupler to provide 2500VRMS isolation of control signals. The
output stage is designed to provide high current gate drive with the appropriate on and off-state bias voltages for
large IGBT modules.
For additional detailed information on the characteristics and operation of these gate
drivers please refer to the individual device data sheets.
Figure 2 shows a block diagram of the VLA106-15242 and VLA106-24242 hybrid DC to DC converters.
These two devices are identical except that VLA106-15242 is designed to operate from a 15 VDC input and the
VLA106-24242 is designed to operate from a 24 VDC input. These DC to DC converters use a transformer to
provide 2500VRMS isolation for gate drive power. The
converter’s regulated 24VDC output is split using a
resistor and zener diode to provide +15.8V and -8.2V for the hybrid gate driver.
For additional detailed
information on the operation of the hybrid DC to DC converters please see the individual device data sheets.
Component Selection:
Designation
Typical Value
Description
Example: Mfg./PN
Z1, Z2, Z3, Z4
16V, 1W
Gate Voltage Surge Protection
1N4745
C1, C2, C3, C4, C5
390
F, 35V
Power supply filter
– Electrolytic, low Impedance Panasonic EEU-FC1V391S
CN1, CN2**
MTA .100”
Input and gate connections
AMP 640457-6
** Recommended mating connector AMP CST-100 Housing P/N 770602-6 with crimp contact 770666-2.
Figure 2: VLA106-15242, VLA106-24242
Block Diagram
Voltage Regulator
Current Limiter
10
11
8
3
2
1
3.3K
VCC
Com
VEE
VZ=8.2V
24V
9
VIN
+
-
CN1
+VL
IN2
+VS
GND
IN1
CN2
G1
E1
G2
E2
C3
C4
Figure 3: BG2C Schematic and Component Selection
+
C2
Z1
RG
Z2
C1
+
+
VLA507/VLA513
1
VLA106-15242/VLA106-24242
2
5
8
C5
Z4
Z3
RG
+
+
11
8
3
1
VLA106-15242/VLA106-24242
VLA507/VLA513
1 2
5
8
1
3
8
11



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com