Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC9-1R0-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HC9-1R0-R
Description  High Current 9 Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HC9-1R0-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HC9-1R0-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HC9-1R0-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HC9-1R0-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HC9 Series
High Current 9 Power Inductors
1207
BU-SB07346
Page 1 of 3
Data Sheet 4312
Description
• 155°C maximum total operating temperature
• Surface mount inductors designed for higher speed switch
mode applications requiring lower inductance, low voltage and
high current
• Design utilizes high temperature powder iron material
with a non-organic binder to eliminate thermal aging
• Inductance Range from 0.2µH to 47.0µH
• Current Range from 3.65 amps to 95.0 amps
• Frequency Range 1kHz to 500kHz
Applications
• Next generation processors
• High current DC-DC converters
• VRM, multi-phase buck regulator
• PC, workstations, routers, servers
Environmental Data
• Storage temperature range: -40°C to +155°C
• Operating temperature range: -40°C to +155°C
(range is application specific)
• Solder reflow temperature: +260°C max for 10 seconds maximum
Packaging
• Supplied in tape and reel packaging, 450 parts per reel
Part
Rated
OCL(1)
Irms(2)
Isat(3)
Isat(4)
DCR (mΩ)
Volts(5)
Number
Inductance
Nominal
Amps
Amps
Amps
max. @
µSec
µH
+/-15% µH
(Typ.)
20% rolloff
30% rolloff
20°C
(VµS)
HC9-R20-R
0.20
0.218
46.7
65
95
0.50
2.87
HC9-R47-R
0.47
0.544
33.7
40
57
0.88
4.78
HC9-1R0-R
1.0
1.04
23.7
28
41
1.87
6.70
HC9-1R5-R
1.5
1.70
21.0
22
32
2.27
8.46
HC9-2R2-R
2.2
2.53
17.2
18
26
3.37
10.4
HC9-3R3-R
3.3
3.52
14.3
15
22
4.87
12.4
HC9-4R3-R
4.3
4.67
13.0
13.2
19.1
5.90
14.4
HC9-6R8-R
6.8
7.45
10.3
11.4
15.1
9.40
18.1
HC9-100-R
10.0
10.9
8.50
8.6
12.5
14.0
22.0
HC9-220-R
22.0
22.4
6.30
6.0
8.7
25.7
31.5
HC9-330-R
33.0
34.5
4.42
4.8
7.0
48.8
37.3
HC9-470-R
47.0
49.2
3.65
3.9
5.7
72.3
44.8
1) Test Parameters: 100kHz, 1.0Vrms
2) Irms amps for approximately ∆T of 40°C without core loss.
Derating is necessary for AC currents. Pad layout, trace thickness and width, airflow,
and proximity of other heat generating components will affect the temperature rise. It is
recommended that the temperature of the part not exceed 155°C under worst case
conditions verified in the end application.
3) Peak current for approximately 20% rolloff @20°C
4) Peak current for approximately 30% rolloff @20°C
5) Applied Volt-Time product (V-µS) across the inductor. This value represents the applied V-µS at
operating frequency necessary to generate additional core loss which contributes to the 40°C
temperature rise. De-rating of the Irms is required to prevent excessive temperature rise. The
100% VµS rating is equivalent to a ripple current Ip-p of 20% of Isat (30% rolloff option).
Part number definition:
First 3 characters = Product code and size.
Last 3 characters = Inductance in µH. R = decimal point.
If no R is present third character = # of zeros.
-R suffix = RoHS compliant


Similar Part No. - HC9-1R0-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HC9-1R0-R EATON-HC9-1R0-R Datasheet
441Kb / 4P
High current power inductors
More results

Similar Description - HC9-1R0-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com