Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Handwound Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # Handwound
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

Handwound Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button Handwound Datasheet HTML 4Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 5Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 6Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 7Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 8Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 9Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 10Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 11Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
MRFE6VP61K25HR6 MRFE6VP61K25HSR5 MRFE6VP61K25GSR5
VDD =50 Vdc,IDQ = 100 mA
f
(MHz)
Zsource
()
Zload
()
1.8 (1)
34.4 + j192.0 (1)
5.00 - j4.00 (1)
27
12.5 + j7.00
7.00 + j0.70
40
5.75 + j5.06
5.39 + j2.62
81.36
4.04 + j5.93
4.89 + j2.95
88
2.20 + j6.70
4.90 + j2.90
98
2.30 + j6.90
4.10 + j2.50
108
2.30 + j7.00
4.40 + j3.60
144
1.60 + j5.00
3.90 + j1.50
175
1.33 + j3.90
3.50 + j2.50
230
1.29 + j3.54
2.12 + j2.68
352
0.98 + j1.45
1.82 + j2.05
500
0.29 + j1.47
1.79 + j1.80
1. Simulated data.
Zsource = Test circuit impedance as measured from
gate to gate, balanced configuration.
Zload
= Test circuit impedance as measured from
drain to drain, balanced configuration.
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
--
--
+
+
Zsource
Zload
50 
50 
Figure 12. Source and Load Impedances Optimized for IRL, Power and Efficiency — Push--Pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com