Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Handwound Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # Handwound
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

Handwound Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button Handwound Datasheet HTML 8Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 9Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 10Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 11Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 12Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 13Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 14Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 15Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
RF Device Data
Freescale Semiconductor, Inc.
MRFE6VP61K25HR6 MRFE6VP61K25HSR5 MRFE6VP61K25GSR5
144--148 MHz REFERENCE CIRCUIT
Figure 17. MRFE6VP61K25HR6(HSR6) 144--148 MHz Reference Circuit Component Layout
+
C1
COAX1
MRFE6VP61K25H Rev. 2
C3
R1
B1
L1
T1
C13
C14
COAX2
COAX3
C6
C5
C19
C20
C7
C8
C9
C10
C11
C12
C4
C18
C15 C16 C17
L2
*C7, C8, C9, C10, C11, and C12 are mounted vertically.
Note: Component number C2 is not used.
Table 9. MRFE6VP61K25HR6(HSR6) 144--148 MHz Reference Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1
95 , 100 MHz Long Ferrite Bead
2743021447
Fair--Rite
C1
6.8 F, 50 V Chip Capacitor
C4532X7R1H685K
TDK
C3, C5, C7, C8, C9, C10,
C11, C12, C13, C15
1000 pF Chip Capacitors
ATC100B102KT50XT
ATC
C4
5.6 pF Chip Capacitor
ATC100B5R6CT500XT
ATC
C6
470 pF Chip Capacitor
ATC100B471JT200XT
ATC
C14, C16
1 F, 100 V Chip Capacitors
C3225JB2A105KT
TDK
C17
2.2 F, 100 V Chip Capacitor
HMK432B7225KM--T
Taiyo Yuden
C18
470 F, 100 V Electrolytic Capacitor
MCGPR100V477M16X32--RH
Multicomp
C19, C20
15 pF Chip Capacitors
ATC100B150JT500XT
ATC
L1
43 nH Inductor
B10TJLC
Coilcraft
L2
7 Turn, #14 AWG, ID = 0.4 Inductor
Handwound
Freescale
R1
11 , 1/4 W Chip Resistor
CRCW120611R0FKEA
Vishay
T1
Balun
TUI--9
Comm Concepts
Coax1, Coax2
Flex Cables, 10.2 ,4.7
TC--12
Comm Concepts
Coax3
Coax Cable, 50 ,6.7
SUCOFORM250--01
Huber+Suhner
PCB
0.030”, r =3.50
TC--350
Arlon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com