Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2020RDB-PCA Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # P2020RDB-PCA
Description  P2 Platform Series Dual core performance in a single core power envelope
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P2020RDB-PCA Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  P2020RDB-PCA Datasheet HTML 1Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 2Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 3Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 4Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 5Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 6Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 7Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
freescale.com/QorIQ
5
Networking
Features for the Market:
• SD/MMCinterfaceenablesmodularityby
supporting booting from flash cards
• PCIExpressinterfacesenablemultiple
flexible I/O options
• USBportforfront-panelcodeuploads
when connecting directly to a PC for
maintenance
• TripleGigabitEthernet(dualonSGMIIfor
redundancy for backplane interconnect)
and one Gigabit Ethernet interface for
high-performance debug and maintenance
Applications:
• Linecardcontroller
• Mid-rangelinecardcontrolplane
• Low-endlinecardcombinedcontroland
data plane
• Shelfcontroller
Line Card Control Plane for
Enterprise Routers
One of the primary applications for the QorIQ
P2020 communications processor is as a line
card control plane processor. Typically the
P2020 will sit to the side of the main datapath,
which has I/O processors on the front panel
connected to a backplane interface device.
The P2020 processor will communicate with
these components using standard interfaces
such as PCI Express or the local bus. The
P2020 will often have front panel interfaces as
well. One Gigabit Ethernet interface may be
used for high-performance debug: the DUART
can be used for a low-level command line
interface and the USB port may be used for
front-panel code uploads when connecting
directly to a PC for maintenance. Redundant
Gigabit Ethernet ports to the backplane are
used as a management interface, which can
be used to communicate with a centralized
resource for receiving table updates, for
instance. The eSDHC interface enables
modularity by supporting booting from
flash memory cards.
The primary functions of a linecard
controller are:
•Exceptionhandling:Packetsthatcannotbe
interpreted by the typically more hardwired
datapath are kicked up to the control
plane processor. These may be older or
esoteric protocols which are not worth
accommodating in ASICs, but can be
handled with software with low performance
impact because they occur infrequently.
•Boardhousekeeping:Thecontrolplane
processor may be used to configure,
provision and control other devices on the
board. It also will collect statistics. It can
implement a command line interface.
•Tablemaintenance:Alinecardcontroller
may, especially in a distributed system,
manage the forwarding tables. The tables
are created by implementing a variety of
interior routing protocols (such as Open
Shortest Path First or Routing Information
Protocol) and external routing protocols
(such as Border Gateway Protocol). The
tables are then exported to the forwarding
path for per-packet access.
In the case of centralized processing, these
functions are performed by a centralized
processor, which can tolerate higher power
and associated increased cooling costs
because there are fewer of those cards per
system. In these cases, the line card has little
intelligence.
Implementing a line card in a distributed
processing system provides several
advantages. You may be able to forgo
the costly centralized services card,
which consumes a valuable slot in the
chassis. You have the opportunity to
perform local switching at the line card, thus
conserving system resources. And the system
becomes more scalable—as you add a line
card, you automatically get the increased
processing that it requires. However, in
this system, the costs of high-volume line
cards are critically important. Because of
that, thermal budgets are very tight. The
need for high performance at low power is a
requirement that the P2 family fulfills.
Line Card Control Plane for Enterprise Routers
QorIQ™
P2020
Exception handling
Route table maintenance
Line card control
Gigabit Ethernet-
Management Interfaces
Enhanced Local Bus
PCI Express®
Gigabit Ethernet-
Debug I/F
USB-Code Upload
DUART-CLI
I/O
Devices
I/O
Devices
I/O
Devices
DRAM
Flash
Ethernet
Switch
Backplane



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com