Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2020RDB-PCA Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # P2020RDB-PCA
Description  P2 Platform Series Dual core performance in a single core power envelope
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P2020RDB-PCA Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

  P2020RDB-PCA Datasheet HTML 1Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 2Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 3Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 4Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 5Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 6Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 7Page - Freescale Semiconductor, Inc P2020RDB-PCA Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
freescale.com/QorIQ
8
Test and Measurement
To continue realizing performance gains
without increased clock rates, designers
are integrating their test and measurement
systems with dual and multicore devices.
Test engineers can develop automated
test applications capable of achieving the
highest possible throughput through parallel
processing with multicore processors.
When using traditional text-based
programming languages, engineers who
want to harness this computing power for
developing advanced test, measurement
and control applications regularly face the
challenges of complex software primitives
and programming models. However,
engineers and scientists can capitalize on
multithreaded application development by
combining multicore support and software
that supports parallelism. Using dual and
multicore processors enables an application
to distribute processing loads across multiple
CPU cores simultaneously, which can
significantly reduce test times for applications
that require intensive signal and data
processing such as RF protocol testing and
hardware in the loop (HIL) simulations. These
applications also can replicate specific tests
or processes to run on separate CPU cores
and effectively double system throughput.
P1011
P1020
P2010
P2020
CPU
e500 V2, up to
800MHz,32KI/D
Dual e500 V2, up to
800MHz,32KI/D
e500 V2, up to
1200MHz,32KI/D
Dual e500 V2, up to
1200MHz,32KI/D
L2 Cache
256KB
256KB
512KB
512KB
DDR I/F Type/Width
DDR2/3, 32-bit
DDR2/3, 32-bit
DDR2/3, 32/64-bit
DDR2/3, 32/64-bit
10/100/1000 Ethernet (IEEE® 1588 v2)
3, with 2 SGMII
3, with 2 SGMII
3, with 2 SGMII
3, with 2 SGMII
TDM
Yes
Yes
-
-
Enhanced Local Bus
Yes
Yes
Yes
Yes
PCI Express® 1.0a
2 controllers with 4
SerDes
2 controllers with 4
SerDes
3 controllers with 4
SerDes
3 controllers with 4
SerDes
Serial RapidIO® 1.2
-
-
2 x 1 or 1 x 4
2 x 1 or 1 x 4
USB 2.0
2
2
1
1
Memory Card
eSDHC
eSDHC
eSDHC
eSDHC
Other Interfaces
eSPI, 2 x I2C, DUART
eSPI, 2 x I2C, DUART
eSPI, 2 x I2C, DUART
eSPI, 2 x I2C, DUART
Accelerators
SEC 3.3
SEC 3.3
SEC 3.1
SEC 3.1
Package
689 TEPBGA II
689 TEPBGA II
689 TEPBGA II
689 TEPBGA II
Test and Measurement
QorIQ™
P2020
DDR
SDRAM
Flash
RGMII
RGMII
PCI
Express®
Serial
RapidIO®
eSDHC
Serial
USB
DDR2/3
Serial
Analog
802.11x
Line Interfaces
Detectors
Sensors
FPGA
Serial RapidIO/PCI Express
x1/x4 (up to 3.125 GHz)
LCD
Controller
LCD
Touch
Panel
IEEE®
1588
IEEE
1588



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com