Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-3416 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-3416 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDLA-3416 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Display Internal Block Diagram
Figure 1 shows the HDLX-3416 display internal block
diagram. The CMOS IC consists of a 4 x 7 Character RAM, a
2 x 4 Attribute RAM, a 5 bit Control Register, a 128 character
ASCII decoder and the refresh circuitry necessary to syn-
chronize the decoding and driving of four 5 x 7 dot matrix
displays.
Four 7 bit ASCII words are stored in the Character RAM.
The IC reads the ASCII data and decodes it via the 128
character ASCII decoder. The ASCII decoder includes the
64 character set of the HPDL-2416, 32 lower case ASCII
symbols, and 32 foreign language symbols.
A 5 bit word is stored in the Control Register. Three fields
within the Control Register provide an 8 level brightness
control, master blank, and extended functions disable.
For each display digit location, two bits are stored in the
Attribute RAM. One bit is used to enable a cursor character
at each digit location. A second bit is used to individually
disable the blanking features at each digit location.
The display is blanked and dimmed through an internal
blanking input on the row drivers. Logic within the IC
allows the user to dim the display either through the BL
input or through the brightness control in the control
register. Similarly the display can be blanked through the
BL input, the Master Blank in the Control Register, or the
Digit Blank Disable in the Attribute RAM.
Electrical Description
Pin Function
Description
Chip Enable (CE1 and
CE1 and CE2 must be a logic 0 to write to the display.
CE2, Pins 3 and 4)
Clear (CLR, Pin 5)
When CLR is a logic 0 the ASCII RAM is reset to
20hex (space) and the Control Register/Attribute
RAM is reset to 00hex.
Cursor Enable
CUE determines whether the IC displays the ASCII or
(CUE Pin 11)
the Cursor memory. (1 = Cursor, 0 = ASCII.)
Cursor Select
CU determines whether data is stored in the ASCII
(CU, Pin 10)
RAM or the Attribute RAM/Control Register.
(1 = ASCII, 0 = Attribute RAM/ Control Register.)
Write (WR, Pin 9)
WR must be a logic 0 to store data in the display.
Address Inputs
A0-A1 selects a specific location in the display
(A1 and A0, Pins
memory. Address 00 accesses the far right display
7 and 8)
location. Address 11 accesses the far left location.
Data Inputs (D0-D6,
D0-D6 are used to specify the input data for
Pins 16 – 22)
the display.
VDD (Pin 6)
VDD is the positive power supply input.
GND (Pin 12)
GND is the display ground.
Blanking Input
BL is used to flash the display, blank the
(BL, Pin 14)
display or to dim the display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com