Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-3416 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-3416 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDLA-3416 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HDLx-3416 Series
Four Character 6.9 mm (0.27 inch)
Smart 5 x 7 Alphanumeric Displays
Data Sheet
ESD WARNING: Standard CMOS handling precautions should be observed to avoid static discharge.
Features
 Smart alphanumeric display
Built-in RAM, ASCII decoder, and LED drive circuitry
 Software controlled dimming and blanking
 128 ASCII character set
 End-stackable
 Categorized for luminous intensity
– Yellow and Green categories for color
– Use of like categories yields a uniform display
 Wide operating temperature range -40°C to +85°C
 Wave solderable
 Wide viewing angle (50° typical)
Description
These are 5 x 7 dot matrix displays with four 0.27” tall char-
acters, driven by an on-board CMOS IC. The IC stores and
decodes7bitASCIIdataanddisplaysitwithaneasytoread5x7
font.Multi-plexingcircuitryanddriversareincludedintheIC
to allow the display to interface simply with bus-based
microprocessor systems.
The address and data inputs of the display can be directly
connected to the microprocessor address and data buses.
These displays are related to the HDLX-2416 family, and
thus share the same enhancements over the HPDL-2416
segmented displays. These features include support
for the full 128 character US ASCII character set, 8 level
dimming control, external hardware dimming capability,
and digit blanking.
An extended function disable exists for those designers
who desire compatibility with competitive displays.
This function disables the dimming and digit blanking
controls.
Devices:
High Efficiency Red
Orange
Yellow
Green
HDLO-3416
HDLA-3416
HDLY-3416
HDLG-3416


Similar Part No. - HDLA-3416

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLA-3416 HP-HDLA-3416 Datasheet
116Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLA-3416 AVAGO-HDLA-3416 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results

Similar Description - HDLA-3416

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
Four Character Smart Alphanumeric Displays
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
HDSP-2000 HP-HDSP-2000 Datasheet
491Kb / 5P
FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDSP-2490 HP-HDSP-2490 Datasheet
276Kb / 5P
FOUR CHARACTER 6.9mm (0.27 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
Four Character Smart Alphanumeric Displays
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
Four Character Smart Alphanumeric Displays
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com