Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED56 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # LED56
Description  GaAs INFRARED EMITTING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LED56 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  LED56 Datasheet HTML 1Page - Fairchild Semiconductor LED56 Datasheet HTML 2Page - Fairchild Semiconductor LED56 Datasheet HTML 3Page - Fairchild Semiconductor LED56 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0.040 (1.02)
0.100 (2.54)
0.050 (1.27)
45°
0.040 (1.02)
13
0.030 (0.76)
NOM
0.184 (4.67)
0.209 (5.31)
1.00 (25.4)
MIN
0.255 (6.48)
ANODE
(CASE)
Ø0.020 (0.51) 2X
PACKAGE DIMENSIONS
FEATURES
• Good optical to mechanical alignment
• Mechanically and wavelength matched to the TO-18 series phototransistor
• Hermetically sealed package
• High irradiance level
NOTES:
1. Dimensions for all drawings are in inches (mm).
2. Tolerance of ± .010 (.25) on all non-nominal dimensions
unless otherwise specified.
DESCRIPTION
The LED55B/LED55C/LED56 are 940 nm LEDs in a narrow angle, TO-46 package.
ANODE
(Connected
To Case)
3
1
CATHODE
SCHEMATIC
 2001 Fairchild Semiconductor Corporation
DS300312
6/05/01
1 OF 4
www.fairchildsemi.com
GaAs INFRARED EMITTING DIODE
LED55B
LED55C
LED56


Similar Part No. - LED56

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
LED56 QT-LED56 Datasheet
233Kb / 3P
GAAS INFRARED EMITTING DIODE
logo
Roithner LaserTechnik G...
LED565-04A ROITHNER-LED565-04A Datasheet
103Kb / 2P
Dual LED
LED565-04A ROITHNER-LED565-04A Datasheet
101Kb / 2P
Dual LED, 5 mm package
LED565-33U ROITHNER-LED565-33U Datasheet
163Kb / 3P
Visible LED
LED565-66-60 ROITHNER-LED565-66-60 Datasheet
192Kb / 2P
High Power LED Array
More results

Similar Description - LED56

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
1N6265 QT-1N6265 Datasheet
231Kb / 3P
GAAS INFRARED EMITTING DIODE
CQX14 QT-CQX14 Datasheet
231Kb / 3P
GAAS INFRARED EMITTING DIODE
CQX15 QT-CQX15 Datasheet
232Kb / 3P
GAAS INFRARED EMITTING DIODE
LED55B QT-LED55B Datasheet
233Kb / 3P
GAAS INFRARED EMITTING DIODE
QEE113 QT-QEE113 Datasheet
168Kb / 2P
GAAS INFRARED EMITTING DIODE
logo
Fairchild Semiconductor
LED55BF FAIRCHILD-LED55BF Datasheet
155Kb / 4P
GaAs INFRARED EMITTING DIODE
logo
NEC
SE306 NEC-SE306 Datasheet
45Kb / 2P
GaAs INFRARED EMITTING DIODE
logo
KODENSHI_AUK CORP.
KELD001 KODENSHI-KELD001 Datasheet
41Kb / 1P
Infrared Emitting Diode(GaAs)
EL333 KODENSHI-EL333 Datasheet
193Kb / 2P
Infrared Emitting Diode(GaAs)
logo
OSRAM GmbH
IRL-80-A OSRAM-IRL-80-A Datasheet
172Kb / 10P
GaAs infrared emitting diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com