Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED56 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # LED56
Description  GaAs INFRARED EMITTING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LED56 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  LED56 Datasheet HTML 1Page - Fairchild Semiconductor LED56 Datasheet HTML 2Page - Fairchild Semiconductor LED56 Datasheet HTML 3Page - Fairchild Semiconductor LED56 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2 OF 4
6/05/01
DS300312
Parameter
Symbol
Rating
Unit
Operating Temperature
TOPR
-65 to +125
°C
Storage Temperature
TSTG
-65 to +150
°C
Soldering Temperature (Iron)(3,4,5 and 6)
TSOL-I
240 for 5 sec
°C
Soldering Temperature (Flow)(3,4 and 6)
TSOL-F
260 for 10 sec
°C
Continuous Forward Current
IF
100
mA
Forward Current (pw, 1µs; 200Hz)
IF
10
A
Reverse Voltage
VR
3V
Power Dissipation (TA = 25°C)(1)
PD
170
mW
Power Dissipation (TC = 25°C)(2)
PD
1.3
W
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Peak Emission Wavelength
IF = 100 mA
!
P
—
940
—
nm
Emission Angle at 1/2 Power
IF = 100 mA
"
—
±8
—
Deg.
Forward Voltage
IF = 100 mA
VF
—
—
1.7
V
Reverse Leakage Current
VR = 3 V
IR
—
—
10
µA
Total Power LED55B(7)
IF = 100 mA
PO
3.5
—
—
mW
Total Power LED55C(7)
IF = 100 mA
PO
5.4
—
—
mW
Total Power LED56(7)
IF = 100 mA
PO
1.5
—
—
mW
Rise Time 0-90% of output
tr
—
1.0
—
µs
Fall Time 100-10% of output
tf
—
1.0
—
µs
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C) (All measurements made under pulse conditions)
NOTE:
1. Derate power dissipation linearly 1.70 mW/°C above 25°C ambient.
2. Derate power dissipation linearly 13.0 mW/°C above 25°C case.
3. RMA flux is recommended.
4. Methanol or isopropyl alcohols are recommended as cleaning agents.
5. Soldering iron tip 1/16” (1.6mm) minimum from housing.
6. As long as leads are not under any stress or spring tension
7. Total power output, PO, is the total power radiated by the device into a solid angle of 2 # steradians.
GaAs INFRARED EMITTING DIODE
LED55B
LED55C
LED56



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com