Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP720MA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTP720MA
Description  40V PNP LOW SATURATION SWITCHING TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP720MA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTP720MA Datasheet HTML 1Page - Diodes Incorporated ZXTP720MA Datasheet HTML 2Page - Diodes Incorporated ZXTP720MA Datasheet HTML 3Page - Diodes Incorporated ZXTP720MA Datasheet HTML 4Page - Diodes Incorporated ZXTP720MA Datasheet HTML 5Page - Diodes Incorporated ZXTP720MA Datasheet HTML 6Page - Diodes Incorporated ZXTP720MA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZXTP720MA
Document Number DS31883 Rev. 5 - 2
5 of 7
www.diodes.com
January 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP720MA
Typical Electrical Characteristics
1m
10m
100m
1
10m
100m
1
1m
10m
100m
1
0.00
0.05
0.10
0.15
0.20
0.25
1m
10m
100m
1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
1
0.4
0.6
0.8
1.0
1m
10m
100m
1
0.2
0.4
0.6
0.8
1.0
0
90
180
270
360
450
540
630
V
CE(SAT)
v I
C
Tamb=25°C
I
C
/I
B
=100
I
C
/I
B
=50
I
C
/I
B
=10
I
C
Collector Current (A)
V
BE(SAT)
v I
C
I
C
/I
B
=50
100°C
25°C
-55°C
I
C
Collector Current (A)
h
FE
v I
C
V
CE
=2V
-55°C
25°C
100°C
I
C
Collector Current (A)
25°C
V
CE(SAT)
v I
C
I
C
/I
B
=50
100°C
-55°C
I
C
Collector Current (A)
V
BE(ON)
v I
C
V
CE
=2V
100°C
25°C
-55°C
I
C
Collector Current (A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com