Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP720MA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP720MA
Description  40V PNP LOW SATURATION SWITCHING TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP720MA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP720MA Datasheet HTML 1Page - Diodes Incorporated ZXTP720MA Datasheet HTML 2Page - Diodes Incorporated ZXTP720MA Datasheet HTML 3Page - Diodes Incorporated ZXTP720MA Datasheet HTML 4Page - Diodes Incorporated ZXTP720MA Datasheet HTML 5Page - Diodes Incorporated ZXTP720MA Datasheet HTML 6Page - Diodes Incorporated ZXTP720MA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXTP720MA
Document Number DS31883 Rev. 5 - 2
1 of 7
www.diodes.com
January 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP720MA
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Features and Benefits
•
BVCEO > -40V
•
IC = -3A Continuous Collector Current
•
Low Saturation Voltage (-220mV max @ -1A)
•
RSAT = 104 mΩ for a low equivalent On-Resistance
•
hFE specified up to -3A for high current gain hold up
•
Low profile 0.6mm high package for thin applications
•
RθJA efficient, 60% lower than SOT23
•
4mm
2 footprint, 50% smaller than SOT23
•
Lead-Free, RoHS Compliant (Note 1)
•
Halogen and Antimony Free. "Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: DFN2020B-3
•
Case material: Molded Plastic. “Green” Molding Compound.
•
Terminals: Pre-Plated NiPdAu leadframe.
•
Nominal package height: 0.6mm
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Weight: 0.01 grams (approximate)
Applications
•
MOSFET Gate Driving
•
DC-DC Converters
•
Charging Circuits
•
Power switches
•
Motor control
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTP720MATA
S3
7
8
3000
Notes:
1. No purposefully added lead.
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com
3. For Packaging Details, go to our website at http://www.diodes.com.
Marking Information
Top View
DFN2020B-3
Device Symbol
Bottom View
Pin-Out
Bottom View
C
E
B
S3 = Product Type Marking code
Top View
S3


Similar Part No. - ZXTP720MA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP720MA DIODES-ZXTP720MA_15 Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
More results

Similar Description - ZXTP720MA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P40DE6 ZETEX-ZXT10P40DE6 Datasheet
228Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P40DE6 ZETEX-ZXT13P40DE6 Datasheet
413Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P40DE6 DIODES-ZXT10P40DE6 Datasheet
241Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXT13P40DE6 DIODES-ZXT13P40DE6 Datasheet
422Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
JANUARY 2000
ZXTD720MC DIODES-ZXTD720MC Datasheet
192Kb / 7P
DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXT14P40DX DIODES-ZXT14P40DX Datasheet
264Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT3M322 DIODES-ZXT3M322 Datasheet
389Kb / 6P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTD720MC DIODES-ZXTD720MC_15 Datasheet
194Kb / 7P
DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 3
ZXTP720MA DIODES-ZXTP720MA_15 Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTP5240F DIODES-ZXTP5240F Datasheet
394Kb / 7P
40V PNP LOW SATURATION TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com