Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDS-9303 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9303
Description  Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9303 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9303 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Functional Block Diagram
SMBus
Interrupt
ADC Register
Ch0 (Visible + IR)
Ch1 (IR)
VDD
ADC
ADC
GND
SCL
INT
SDA
ADDR SEL
Command
Register
Address Select
I/O Pins Configuration Table
Pin
Symbol
Type
Description
1
VDD
Supply
Supply voltage
2
GND
Ground
Power supply ground. All voltages are referenced to GND
3
ADDR SEL
I
SMBUS device select – three-state
4
SCL
I
SMBUS serial clock input terminal
5
SDA
I/O
SMBUS serial data I/O terminal
6
INT
O
Level interrupt – open drain
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Supply voltage
VDD
–
3.8
V
Digital output voltage range
VO
-0.5
3.8
V
Digital output current
IO
-1
20
mA
Storage temperature range
Tstg
-40
85
ºC
ESD tolerance
human body model
–
2000
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Supply Voltage
VDD
2.7
3.3
3.6
V
Operating Temperature
Ta
-30
–
85
ºC
SCL, SDA input low voltage
VIL
-0.5
–
0.8
V
SCL, SDA input high voltage
VIH
2.1
–
3.6
V
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Supply current
IDD
–
0.24
0.6
mA
Active
–
3.2
15
μA
Power down
INT, SDA output low voltage
VOL
0
–
0.4
V
3 mA sink current
0
–
0.6
V
6 mA sink current
Leakage current
ILEAK
-5
–
5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com