Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDS-9303 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9303
Description  Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9303 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button APDS-9303 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED APDS-9303 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2009 Avago Technologies. All rights reserved.
AV02-2299EN - December 29, 2009
Appendix B: Application circuit
APDS-9303
Pin 1: VDD
Pin 5
Pin 4
VIO
Pin 6
Pin 2: GND
0.1uF
Pin 3
** ADDR_SEL
INT
SDA
SCL
Pin 1
Pin 2
MCU
** Note:
ADDR_SEL Float : Slave address is 0111001
R1
R2
R3
Figure B1. Application circuit for APDS-9303
The power supply lines must be decoupled with a 0.1
uF capacitor placed as close to the device package as
possible, as shown in Figure B1. The bypass capacitor
should have low effective series resistance (ESR) and low
effective series inductance (ESI), such as the common
ceramic types, which provide a low impedance path to
ground at high frequencies to handle transient currents
caused by internal logic switching.
Pull-up resistors, R1 and R2, maintain the SDA and SCL
lines at a high level when the bus is free and ensure the
signals are pulled up from a low to a high level within
the required rise time. For a complete description of the
SMBus maximum and minimum Rp values, please review
the SMBus Specification at http://www.smbus.org/specs
A pull-up resistor, R3, is also required for the interrupt
(INT), which functions as a wired-AND signal in a similar
fashion to the SCL and SDA lines. A typical impedance
value between 10 k
Ω and 100 kΩ can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com