Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS331 Datasheet(PDF) 1 Page - Coto Technology

Part # CS331
Description  Contact Form: 2a Load Voltage: 350V Maximum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CS331 Datasheet(HTML) 1 Page - Coto Technology

  CS331 Datasheet HTML 1Page - Coto Technology CS331 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
54 | page
tel: (401) 943.2686
|
fax: (401) 942.0920
DIMENSIONS
in Inches (Millimeters)
CotoMOS CT331/CS331
The CT331 and CS331 feature current switching capability to 110mA with a low on
resistance of 24Ω Maximum. Designed for Security, Measurement and Instrumenta-
tion applications the CotoMOS® relay is capable of handling 350V load conditions.
If your requirements are different please contact your Coto Applications Engineer for
assistance through www.cotorelay.com.
CT331/CS331 Features
u
Contact Form: 2a
u
Load Voltage: 350V Maximum
u
Operation LED Current: 3.0mA Maximum
u
Load Current: 110mA Maximum
u
On-Resistance: 24Ω Maximum
u
Low Off-State Leakage Current: 1.0μA Maximum
u
I/O Breakdown Voltage: 1500Vrms Minimum
u
Suffix -H for I/O Breakdown Voltage: 5000Vrms Minimum
CS331
CT331
TERMINAL IDENTIFICATION
8
76
5
1
23
4
(+) (-) (+) (-)
1,3: Anode (LED)
2,4: Cathode (LED)
5,6,7,8: Drain
(MOSFET)
CT331/CS331
®
0.020(0.5)
0.100(2.54)
0.300(7.62)
.118(3.0)
0.047(1.2)
0.398(10.1)Max.
IDENTIFIES PIN #1
0.004(0.1)
0.010(0.25)
0.047(1.2)
0.398(10.1)Max.
0.020(0.5)
0.100(2.54)
0.300(7.62)
IDENTIFIES PIN #1


Similar Part No. - CS331

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CS331 COTO-CS331 Datasheet
624Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
logo
DFI Inc
CS331-Q370 DFI-CS331-Q370 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor microATX
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
Stereo Digital Volume Control
FEB 99
CS3310 CIRRUS-CS3310 Datasheet
277Kb / 17P
Stereo Digital Volume Control
CS3310-KS CIRRUS-CS3310-KS Datasheet
277Kb / 17P
Stereo Digital Volume Control
More results

Similar Description - CS331

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C231S COTO-C231S Datasheet
381Kb / 2P
Contact Form: C231S: 1a / C331S: 2a Load Voltage: 350V Maximum
C235S COTO-C235S Datasheet
379Kb / 2P
Contact Form: C235S: 1a / C335S: 2a Load Voltage: 80V Maximum
C237S COTO-C237S Datasheet
383Kb / 2P
Contact Form: C237S: 1a / C337S: 2a Load Voltage: 60V Maximum
CT131 COTO-CT131 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 350V Maximum
CT326 COTO-CT326 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 40V Maximum
CT330 COTO-CT330 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 400V Maximum
CT334 COTO-CT334 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 200V Maximum
CT335 COTO-CT335 Datasheet
334Kb / 2P
Contact Form: 2a Load Voltage: 80V Maximum
CT337 COTO-CT337 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 60V Maximum
CT338 COTO-CT338 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 600V Maximum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com