Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL2903 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IL2903
Description  Low Power Low Offset Voltage Dual Comparators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2903 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IL2903_11 Datasheet HTML 1Page - IK Semicon Co., Ltd IL2903_11 Datasheet HTML 2Page - IK Semicon Co., Ltd IL2903_11 Datasheet HTML 3Page - IK Semicon Co., Ltd IL2903_11 Datasheet HTML 4Page - IK Semicon Co., Ltd IL2903_11 Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNI CAL DATA
2011, January, ver.01
Low Power Low Offset Voltage Dual
Comparators
The IL2903 consists of two independent precision
voltage comparators with an offset voltage specification
as low as 2.0 mV max for two comparators which were
designed specifically to operate from a single power
supply over a wide range of voltages.
Application areas include limit comparators, simple
analog to digital converters; pulse, squarewave and
time delay generators; wide range VCO; MOS clock
timers; multivibrators and high voltage digital logic
gates.
Single or Split Supply Operation
Low Input Bias Current
Low Input Offset Current
Input Common Mode Voltage Range to Gnd
Low Output Saturation Voltage
TTL and CMOS Compatible
IL2903
ORDERING INFORMATION
IL2903N Plastic
IL2903D
SOIC
TA = -40° to 85° C for all
packages.
LOGIC DIAGRAM
PIN 8 = VCC
PIN 4 = GND
PIN ASSIGNMENT


Similar Part No. - IL2903_11

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2903D IKSEMICON-IL2903D Datasheet
282Kb / 5P
Low Power Low Offset Voltage Dual Comparators
IL2903N IKSEMICON-IL2903N Datasheet
282Kb / 5P
Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - IL2903_11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com