Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS60-2000-N2 Datasheet(PDF) 2 Page - CUI INC

Part # MAS60-2000-N2
Description  absolute encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MAS60-2000-N2 Datasheet(HTML) 2 Page - CUI INC

  MAS60-2000-N2 Datasheet HTML 1Page - CUI INC MAS60-2000-N2 Datasheet HTML 2Page - CUI INC MAS60-2000-N2 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
page
date
DESCRIPTION: absolute encoder
2 of 3
05/2009
PART NUMBER: MAS60
OUTPUT CODE
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
2
2
0
1
2
2
2
3
2
0
2
0
2
1
2
2
2
3
X10
BCD
Gray
Code address (P)
.....
Vcc
Output
(Each bit signal)
Common
Ice = 35 mA max
Vceo = 30 V max
1k
W
Vcc
Output
(Each bit signal)
Common
NPN transistor
TD62503 (equivalent
Ice = 35 mA max
Vceo = 30 V max
Voltage Output(standard type)
Open collector output
OUTPUT CIRCUIT DIAGRAMS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com