Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS60-2000-N2 Datasheet(PDF) 3 Page - CUI INC

Part # MAS60-2000-N2
Description  absolute encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MAS60-2000-N2 Datasheet(HTML) 3 Page - CUI INC

  MAS60-2000-N2 Datasheet HTML 1Page - CUI INC MAS60-2000-N2 Datasheet HTML 2Page - CUI INC MAS60-2000-N2 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DATE
DESCRIPTION
REV.
7/14/2008
NEW DRAWING
A
120°
120°
5.50 0.217
25.5 1.004
76.0 2.992
5
2
4
TOLERANCE:
SPECIFIED
6
2
2
3
2
A
Website: www.cui.com
RoHS
Black
0V
0V
Black
Power
Red
NC
Red/Black
NC
Purple/Black
NC
±0.3mm UNLESS OTHERWISE
Fax: 503-612-2383
9
Purple
2
8
Blue
Cable Color
Output Type
Output Type
Cable Color
Brown
Blue/Black
2
Brown/Black
2
1
0
2
2
Orange/Black
Yellow
Yellow/Black
Green
Orange
2
Green/Black
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
2
7
1:2
MAS60
JMS
Incremental Encoder
BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
MAS60
PC File Name
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
COPYRIGHT 2008
REV:
1.969
0.354
9.0
18.0 0.709
0.118
3.0
3.0 0.118
0.059
2.756
70.0
50.0
1.5
64.00 2.520
3-M3 X 0.5
depth 6
PCD-60
R3.0 0.118



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com