Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF3JB Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # UF3JB
Description  SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 to 1000 Volts CURR ENT - 3.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF3JB Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF3JB Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF3JB Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT ULTRAFAST RECTIFIER
VOLTAGE - 50 to 1000 Volts CURR ENT - 3.0 Amperes
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Ultrafast recovery times for high efficiency
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• Glass passivated junction
• High temperature soldering:
260
OC /10 seconds at terminals
High temperature soldering : 260
OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANICAL DATA
• Case: JEDEC DO-214AB molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
• Method 2026
• Polarity: Indicated by cathode band
• Standard packaging: 16mm tape (EIA-481)
Weight: 0.007 ounce, 0.21 gram
CHARACTERISTICS
SYMBOL
Maximum Recurrent Peak Reverse V oltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average For ward
Rectified Current
@TL =75
I(AV)
3.0
A
Peak Forward Surge Current
8.3ms single half sine- wave
super imposed on rated load (JEDEC METHOD)
IFSM
100
A
Maxi mum f orward Voltage at 1.0A DC
VF
1.0
1.3
1.5
1.7
V
Maxi mum DC Rever se Cur rent
@TJ =25
at Rated DC Block ing Voltage
@TJ =100
IR
10
100
uA
Maximum Reverse Recovery Time (Note 1)
TRR
50
75
ns
Typi cal Junction
Capacitance (Note 2)
CJ
20
10
pF
Typical Therma l Resistance (Note 3 )
R
θJL
30
Oper ati ng Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
NOTES : 1.Reverse Recovery Test Conditions :IF=0.5A,IR=1.0A,IRR=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance junction to Lead.
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C
°C/W
°C
°C
°C
UF3AB Thru UF3MB
UF3AB
UF3BB
UF3DB
UF3GB UF3JB
UF3KB
UF3MB
Units
.083(2.11)
.075(1.91)
.012(.305)
.006(.152)
.012(.31)
.006(.15)
.008(.203)
.002(.051)
.050(1.27)
.030(0.76)
SMB/DO-214AA
Unit:inch(mm)
.155(3.94)
.130(3.30)
.185(4.70)
.160(4.06)
.096(2.44)
.083(2.13)
.220(5.59)
.200(5.08)


Similar Part No. - UF3JB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
UF3JB LUGUANG-UF3JB Datasheet
176Kb / 2P
Surface Mount Rectifiers
logo
Diode Semiconductor Kor...
UF3JB DSK-UF3JB Datasheet
93Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SUNMATE electronic Co.,...
UF3JB SUNMATE-UF3JB Datasheet
576Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
SAMYANG ELECTRONICS CO....
UF3JB SAMYANG-UF3JB Datasheet
460Kb / 2P
SURFACE MOUNT RECTIFIERS
More results

Similar Description - UF3JB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2A PANJIT-S2A Datasheet
58Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
UF300 PANJIT-UF300 Datasheet
68Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
UF3A PANJIT-UF3A Datasheet
75Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Yea Shin Technology Co....
UF3A YEASHIN-UF3A Datasheet
44Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 to 1000 Volts CURR ENT - 3.0 Amperes
UF8A YEASHIN-UF8A Datasheet
39Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFI ER VOLTAGE - 50 to 1000 Volts CURR ENT - 8.0 Amperes
UF300 YEASHIN-UF300 Datasheet
38Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
UF300G YEASHIN-UF300G Datasheet
44Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com