Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF3JB Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # UF3JB
Description  SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 to 1000 Volts CURR ENT - 3.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF3JB Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  UF3JB Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF3JB Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm. 22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
3.0
2.5
2.0
1.5
1.0
0.5
50
60
70
80
90
100 110 120 130 140 150
SINGLE PHASE HALF
60Hz RESISTIVE OR
LOAD P.C.B MOUNTED
0.315×0.315"(8.0×8.0mm)
COPPER PAD
LEAD TEMPERATURE,
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM
Fig. 2-MAXIMUM AVERAGE FORWARD
CURRENT RATING
100
10
1
0.1
0.01
0
20
40
60
80
100
120
140
TJ = 150
TJ = 100
TJ = 25
PERCENT OF PEAK REVERSE VOLTAGE VOLTS
100
10
1
0.1
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
UF3MB
UF3GB
UF3AB ~ UF3DB
TJ = 25
PULSE WIDTH = 300
2% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE VOLTS
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Fig. 4-TYPICAL FORWARD CHARACTERISTICS
200
100
50
10
1
5
10
50
100
8.3ms SINGLE HALF SINE
WAVE JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
160
140
120
100
80
60
40
20
.1
.5
1
2
5
10
20
50
100 200
500
1000
UF3AB ~ UF3DB
UF3GB ~ UF3MB
TJ = 25
f = 1MHZ
Vsig = 50mVp-p
REVERSE VOLTAGE VOLTS
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
Fig. 6-TYPICAL JUNCTION CAPACITANCE
http://www.yeashin.com
2
REV.02 20110725
°C
°C
°C
°C
°C
µS
°C
RATING AND CHARACTERISTIC CURVES
UF3AB Thru UF3MB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com