Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812B Datasheet(PDF) 73 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 73 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 69Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 70Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 71Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 72Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 73Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 74Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 75Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 76Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 77Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
ADC Channel Register 1 (Read or Write, Address = 51h, Default = 0000h)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
SE13
SE14
SE15
0
0
0
0
0
0
0
0
0
0
0
0
These bits specify the external analog auxiliary input channels (CH13, CH14, and CH15) to be converted. The
specified channel is accessed sequentially in the order from bit 14 to bit 0 of ADC channel register 0, and then bit
14 to bit 12 of ADC channel register 1. The input is converted when the corresponding bit is set ('1').
Bits[14:12]
SEn
External single-ended analog input CHn. The result is stored in the ADC-n-data register in straight binary format.
ADC Gain Register (Read or Write, Address = 52h, Default = FFFFh)
MSB
BIT
BIT
BIT
BIT
BIT
BIT
LSB
15
14
13
12
11
10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ADG0
ADG1
ADG2
ADG3
ADG4
ADG5
ADG6
ADG7
ADG8
ADG9
ADG10
ADG11
ADG12
ADG13
ADG14
ADG15
Bit 15
ADG0
0 = The analog input range of single-ended input CH0 (SE0) is 0 V to VREF or differential input pair DF (CH0+, CH1–) is
–VREF to +VREF
1 = The analog input range of single-ended input CH0 (SE0) is 0 V to (2 × VREF) or differential input pair DF (CH0+,
CH1–) is (–2 × VREF) to (+2 × VREF)
Bit 14
ADG1
0 = The analog input range of single-ended input CH1 (SE1) is 0 V to VREF
1 = The analog input range is 0 V to (2 × VREF)
Bit 13
ADG2
0 = The analog input range of single-ended input CH2 (SE2) is 0 V to VREF or differential input pair DF (CH2+, CH3–) is
–VREF to +VREF
1 = The analog input range of single-ended input CH2 (SE2) is 0 V to (2 × VREF) or differential input pair DF (CH2+,
CH3–) is (–2 × VREF) to (+2 × VREF)
Bit 12
ADG3
0 = The analog input range of single-end input CH3 (SE3) is 0 V to VREF
1 = The analog input range is 0 V to (2 × VREF)
Bit[11:0]
ADG4 to ADG15
0 = The analog input range of CHn (where n = 4 to 15) is 0 V to VREF
1 = The analog input range is 0 V to (2 × VREF)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
73
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com